Electronic Components Datasheet Search
  English  ▼

X  

LPC55S26 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC55S26
Description  Further expanding the market’s first Arm® Cortex®-M33 MCU Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S26 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC55S26 Datasheet HTML 1Page - NXP Semiconductors LPC55S26 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OVERVIEW
The LPC552x MCU family expands on the world’s first general
purpose Arm Cortex-M33-based microcontroller introduced
with the LPC5500 series. This mainstream family provides a
perfect balance between security, performance efficiency and
system integration for the general embedded and industrial
IoT markets. The LPC552x MCU family combines the high
performance efficiency of the Cortex-M33 core with multiple
high-speed interfaces, an integrated power management IC,
and rich analog integration.
The LPC5500 MCU series offers significant advantages for
developers, including cost-effective 40-nm NVM process
technology, along with pin-, software- and peripheral-
compatibility for ease of use and accelerating time to
market. This series is supported by NXP’s comprehensive
enablement package, including MCUXpresso software and
tools along with low-cost development boards.
TARGET APPLICATIONS
Consumer electronics
Diagnostic equipment
Building control and automation
Secure applications
Industrial IoT
General embedded
Further expanding
the market’s first
Arm® Cortex®-M33
MCU Series
Building on the LPC55S6x MCU family, LPC552x MCUs bring to market advanced
energy efficiency and real-time performance with embedded security and protection,
leveraging NXP’s cost effective 40-nm embedded flash technology.
LPC552x MCU Family
LPC552x MCU FAMILY BLOCK DIAGRAM
LPC552x MCU FAMILY BLOCK DIAGRAM
Core Platform
Timers
Interfaces
Arm® Cortex®-M33
Up to 150 MHz FPU, SIMD
Crypto Engine
System Control
Memory
Power Control
Single V
dd power supply, POR, BOD,
reduced power modes – DC converter
8 x FlexComm
Supports UART, SPI, I2C, I2S
Programmable Features
Programmable Logic Unit
6 input, 8 output
Optional
ROM
(128 KB) Boot code + USB driver
DMA0
Up to 22-ch.
DMA1
Up to 10-ch.
5 x 32b Timers
SCTimer/PWM
Multi-Rate Timer
Windowed WDT
RTC
Micro Timer
Security
Analog
AES-256
SHA-2
SRAM PUF
PRINCE
ADC 16b 1MSPS
ACMP
Temp Sensor
Secure Debug
RNG
PFR
UID
HS LSPI
SDIO
HS USB + PHY
FS USB + PHY
Flash
Up to 512 KB
RAM
Up to 256 KB
Clock Generation Unit
OSCs, SystemPLL, USB PLL, Clock Out


Similar Part No. - LPC55S26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S26JBD100 NXP-LPC55S26JBD100 Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S26JBD100 NXP-LPC55S26JBD100 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.1-6 August 2021
LPC55S26JBD100 NXP-LPC55S26JBD100 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S26JBD100 NXP-LPC55S26JBD100 Datasheet
1Mb / 132P
32-bit Arm Cortex®-M33 microcontroller
Rev. 2.3 - 29 August 2024
LPC55S26JBD100 NXP-LPC55S26JBD100 Datasheet
4Mb / 126P
32-bit Arm Cortex®-M33
17 October 2019
More results

Similar Description - LPC55S26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com