Electronic Components Datasheet Search
  English  ▼

X  

LPC802 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC802_V01 Datasheet HTML 45Page - NXP Semiconductors LPC802_V01 Datasheet HTML 46Page - NXP Semiconductors LPC802_V01 Datasheet HTML 47Page - NXP Semiconductors LPC802_V01 Datasheet HTML 48Page - NXP Semiconductors LPC802_V01 Datasheet HTML 49Page - NXP Semiconductors LPC802_V01 Datasheet HTML 50Page - NXP Semiconductors LPC802_V01 Datasheet HTML 51Page - NXP Semiconductors LPC802_V01 Datasheet HTML 52Page - NXP Semiconductors LPC802_V01 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.2 — 9 February 2018
49 of 79
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
13. Dynamic characteristics
13.1 Flash memory
[1]
Number of program/erase cycles.
[2]
Programming times are given for writing 64 bytes to the flash. Tamb <= +85 C. Flash programming with IAP
calls (see LPC802 user manual).
13.2 FRO
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 15.
Flash characteristics
Tamb = 40 C to +105 C. Based on JEDEC NVM qualification.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 200,000 500,000
-
cycles
tret
retention time
powered
10
-
-
years
not powered
20
-
-
years
ter
erase time
page or multiple
consecutive pages,
sector or multiple
consecutive
sectors
-1.03
-
ms
tprog
programming
time
[2] -2.5
-
ms
Table 16.
Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.7 V  VDD  3.6 V.
Symbol
Min
Typ[1]
Max
Unit
FRO clock frequency; Condition: 0
C  Tamb  70 C
fosc(RC)
9 -1 %
9
9 +1 %
MHz
fosc(RC)
12 -1 %
12
12 +1 %
MHz
fosc(RC)
15 -1 %
15
15 +1 %
MHz
FRO clock frequency; Condition:
20 C  Tamb  70 C
fosc(RC)
9 -2 %
9
9 +2 %
MHz
fosc(RC)
12 -2 %
12
12 +2 %
MHz
fosc(RC)
15 -2 %
15
15 +2 %
MHz
FRO clock frequency; Condition:
40 C  Tamb  105 C
fosc(RC)
9 -3.5 %
9
9 +3.5 %
MHz
fosc(RC)
12 -3.5 %
12
12 +3.5 %
MHz
fosc(RC)
15 -3.5 %
15
15 +3.5 %
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com