Electronic Components Datasheet Search
  English  ▼

X  

LPC802UK Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC802UK
Description  32-bit ARM Cortex-M0 microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802UK Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC802UK Datasheet HTML 52Page - NXP Semiconductors LPC802UK Datasheet HTML 53Page - NXP Semiconductors LPC802UK Datasheet HTML 54Page - NXP Semiconductors LPC802UK Datasheet HTML 55Page - NXP Semiconductors LPC802UK Datasheet HTML 56Page - NXP Semiconductors LPC802UK Datasheet HTML 57Page - NXP Semiconductors LPC802UK Datasheet HTML 58Page - NXP Semiconductors LPC802UK Datasheet HTML 59Page - NXP Semiconductors LPC802UK Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.2 — 9 February 2018
56 of 79
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
13.8 Wake-up process
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler. ISR is located in SRAM.
[3]
FRO enabled, all peripherals off.
[4]
Wake up from deep power-down causes the part to go through entire reset
process. The wake-up time measured is the time between when the Wake-Up pin is triggered to wake the
device up and when a GPIO output pin is set in the reset handler.
14. Characteristics of analog peripherals
14.1 BOD
[1]
Interrupt levels are selected by writing the level value to the BOD control register BODCTRL, see the
LPC802 user manual.
Table 23.
Dynamic characteristic: Typical wake-up times from low power modes
VDD = 3.3 V;Tamb =25 C; Using FRO (15 MHz) as the system clock.
Symbol Parameter
Conditions
Min
Typ[1]
Max Unit
twake
wake-up
time
from sleep mode
[2][3] -1.97
-
s
from deep-sleep mode
[2] -2.07
-
s
from power-down mode
[2] -25
-
s
from deep power-down mode
[4] -313
-
s
Table 24.
BOD static characteristics[1]
Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
interrupt level 1
assertion
-
2.24
-
V
de-assertion
-
2.40
-
V
interrupt level 2
assertion
-
2.52
-
V
de-assertion
-
2.64
-
V
interrupt level 3
assertion
-
2.81
-
V
de-assertion
-
2.90
-
V
reset level 0
assertion
-
1.51
-
V
de-assertion
-
1.54
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com