Electronic Components Datasheet Search
  English  ▼

X  

2170465 Datasheet(PDF) 2 Page - Lapp.

Part # 2170465
Description  ETHERLINE® P CAT. 6A 4x2x22/1 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170465 Datasheet(HTML) 2 Page - Lapp.

  2170465 Datasheet HTML 1Page - Lapp. 2170465 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170465
DATA SHEET
valid from:
09.08.2021
4x2x22/1 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170465EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The transmission characteristics meet the requirements of the standards EN 50288-10-1 and IEC 61156-5 for category 6A.
The normative requirements for the transmission properties are shown in the following table:
f [MHz]
4
10
20
62,5
100
200
250
500
(max.) Attenuation
[dB/100 m]
3,8
5,9
8,4
15
19,1
27,6
31,1
45,3
(min.) TCL
[dB]
34
30
27
22
20
17
16
---
(min.) EL TCTL
[dB/100 m]
23
15
9
---
---
---
---
---
(min.) NEXT
[dB]
66,3
60,3
55,8
48,4
45,3
40,8
39,3
34,8
(min.) PS EL FEXT
[dB/100 m]
53
45
39
29,1
25
19
17
11
(min.) ACR-F/EL FEXT
[dB/100 m]
56
48
42
32,1
28
22
20
17
(min.) Return Loss
[dB]
23
25
25
21,5
20,1
18
17,3
17,3
Mechanical and thermal properties
Minimum bending radius
fixed installation:
10 × outer diameter
Temperature range
fixed installation:
-40 °C up to +80 °C
Flammability
flame retardant acc. to IEC 60332-1-2 resp. EN 60332-1-2
Halogen free
acc. to VDE 0472-815
UV resistance
acc. to. ISO 4892-2, method A
Oil resistance
acc. to. EN 50363-10-2
.
..
General requirements
This cable is conform to the EU-Directive 2011/65/EU (RoHS, Restriction of the use of certain
hazardous substances) and the LV-Directive 2014/35/EU (Low voltage Directive).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).
.
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com