Electronic Components Datasheet Search
  English  ▼

X  

2170485 Datasheet(PDF) 2 Page - Lapp.

Part # 2170485
Description  ETHERLINE® FD CAT.6A 4x2x24/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170485 Datasheet(HTML) 2 Page - Lapp.

  2170485 Datasheet HTML 1Page - Lapp. 2170485 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170485
DATA SHEET
valid from:
18.10.2022
ETHERLINE FD CAT.6A
4x2x24/7 AWG
Creator:
KIOS / PDC
Released:
PESA / PDC
Document: DB2170485EN
Version:
05
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
f
[MHz]
max.
Attenuation
[dB/100m]
min.
NEXT
[dB]
min.
EL FEXT
[dB]
min.
Return Loss
[dB]
standard
standard
standard
standard
4
5,7
66,3
56
23
10
9,5
59,5
46,4
25
16
11,5
57,1
44,1
25
31,25
15,8
53,1
38
23,3
62,5
22,4
48,4
32,2
20,8
100
29
45,2
27,8
19
200
41,1
40,8
22
17,3
250
46,6
39,3
20,1
17,3
300
51,4
38,2
18,5
17,3
350
55,8
37,1
17,1
17,3
500
67,9
34,8
14
17,3
Mechanical and thermal properties
Minimum bending radius
moved: 15 x cable Ø
fixed installation: 8 x cable Ø
Temperature range
moved: -30˚ C up to +70˚ C
fixed installation: -40˚ C up to +80˚ C
Bending cycles and power chain
operation parameters
approx. 2.500.000 bending cycles
acceleration 3 m/s2
speed 3 m/s
Travel distance
5m
Flammability
flame retardant acc. to IEC 60332-1-2,
Vertical-Tray acc. to UL 1685
Oil resistance
acc. to IEC 60811-2-1
.
..
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).
.
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com