Electronic Components Datasheet Search
  English  ▼

X  

2170486 Datasheet(PDF) 1 Page - Lapp.

Part # 2170486
Description  ETHERLINE® Y Flex CAT.5e 4x2x26/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170486 Datasheet(HTML) 1 Page - Lapp.

  2170486 Datasheet HTML 1Page - Lapp. 2170486 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170486
DATA SHEET
valid from:
23.03.2020
Y Flex CAT.5e
4x2x26/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170486EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
Field of use:
Connecting cable for generic cabling systems acc. to ISO/IEC 11801 and
EN 50173
Performance:
Bandwidth up to 100 MHz acc. To IEC 61156-6 Category 5e and
EN 50288 2-2
Characteristics:
flame retardant, oil resistant, UV resistant and largely resistant to acids,
alkalis and certain oils
Applications:
EtherCAT, EtherNet/IP, Power over Ethernet (IEEE 802.3af) and many others
Design
Certification
c(UL)us CMG 75°C acc. to UL444 and CSA C22.2 No.214
certified for CC-Link IE Field Network
Conductor
stranded bare copper
26/7 AWG
Insulation
geschäumtes PE,
Ader Ø: ca. 0,95 mm
Core identification code
pair 1: white-blue/blue; pair 2: white-orange/orange;
pair 3: white-green/green; pair 4: white-brown/brown
Stranding
cores twisted to pairs, pairs stranded together
wrapped by non-woven tape
Screen
plastic laminated aluminum foil
on top:
braid of tinned copper wire (coverage ca. 85 %)
Outer sheath
PVC
green, similar RAL 6018
outer ∅: approx. 6.2 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 28,0 Ω/100 m
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 48 nF/km
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-6
Peak operating voltage
VDE:
100 V (not for power purposes)
UL:
300 V
Test voltage
core/core:
2000 V
core/screen:
2000 V


Similar Part No. - 2170486

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170483 LAPP-2170483 Datasheet
269Kb / 2P
ETHERLINE® TORSION P CAT6A 4 x 2 x AWG24/7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170485 LAPP-2170485 Datasheet
480Kb / 2P
ETHERLINE® FD CAT.6A 4x2x24/7 AWG
18.10.2022
More results

Similar Description - 2170486

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170489 LAPP-2170489 Datasheet
431Kb / 2P
ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
2023-07-31
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com