Electronic Components Datasheet Search
  English  ▼

X  

2170605 Datasheet(PDF) 2 Page - Lapp.

Part # 2170605
Description  ETHERLINE® PN Cat.7 Y A 4x2x23/1 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170605 Datasheet(HTML) 2 Page - Lapp.

  2170605 Datasheet HTML 1Page - Lapp. 2170605 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170605
DATA SHEET
valid from:
16.01.2024
ETHERLINE PN Cat.7 Y A
4x2x23/1 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170605EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PDC 0019/06_03.23EN
Transfer impedance
Grade 1 acc. to IEC 61156-5
1 MHz:
≤ 15 mΩ/m
10 MHz:
≤ 10 mΩ/m
30 MHz:
≤ 30 mΩ/m
100 MHz:
≤ 100 mΩ/m
Coupling attenuation
Type I acc. to IEC 61156-5
30 MHz:
≥ 85
100 MHz:
≥ 85
1000 MHz:
≥ 65
Velocity of propagation
100 MHz:
nom. 0.77 c
Transmission properties at 20°C
The transmission characteristics meet the requirements of IEC 61156-5 for category 7 and the
requirements of the PROFINET Cabling and Interconnection Technology Guideline.
f [MHz]
[ns/
100 m]
[ns/
100 m]
[dB/
100 m]
[dB]
[dB]
[dB]
[dB]
[dB/
100 m]
[dB/
100 m]
[Ohm]
[dB]
4
552.0
20.0
3.7
34.0
23.0
78.0
75.0
78.0
75.0
---
23.0
10
545.4
20.0
5.9
30.0
15.0
78.0
75.0
79.0
76.0
---
25.0
20
542.0
20.0
8.3
27.0
9.0
78.0
75.0
74.5
71.5
---
25.0
62.5
538.6
20.0
14.9
22.0
---
75.5
72.5
67.1
64.1
---
21.5
100
537.6
20.0
19.0
20.0
---
72.4
69.4
64.0
61.0
100 ± 5
20.1
200
536.5
20.0
27.5
17.0
---
67.9
64.9
59.5
56.5
---
18.0
250
536.3
20.0
31.0
16.0
---
66.4
63.4
58.0
55.0
---
17.3
500
535.6
20.0
45.3
---
---
61.9
58.9
53.5
50.5
---
15.6
600
535.5
20.0
50.1
---
---
60.7
57.7
52.3
49.3
---
17.3
Mechanical and thermal properties
Minimum bending radius
fixed installation:
4× outer diameter
Temperature range
fixed installation:
-30 °C up to +80 °C
UL:
75 °C acc. to UL 13, UL 444 & CSA C22.2 No. 214
80 °C acc. to UL 758
Flammability
flame retardant acc. to IEC 60332-1-2 resp. EN 60332-1-2
FT2 acc. to UL 1581 §1100
FT4 acc. to UL 1685 §12 - §19
Oil resistance
type TM 55 acc. to EN 50290-2-22, table 1 §10
UV resistance
SUN RES acc. to UL 13, 29
.
..
General requirements
These cables are conform to the LV-Directive 2014/35/EU (Low voltage Directive) and the EU-
Directive 2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).
.
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com