Electronic Components Datasheet Search
  English  ▼

X  

2170614 Datasheet(PDF) 1 Page - Lapp.

Part # 2170614
Description  UNITRONIC® LAN 1000 S/FTP Cat. 7 LSZH 4x2xAWG 23/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170614 Datasheet(HTML) 1 Page - Lapp.

  2170614 Datasheet HTML 1Page - Lapp. 2170614 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.I. Lapp
GmbH
DATA SHEET
UNITRONIC LAN 1000 S/FTP Cat. 7 LSZH
4x2xAWG 23/1
DB2170614
valid from: 19.04.2012
Originator: RAWE/PDC
approved: HAPF/PDC
Document:
DB2170614
page 1 of 2
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10DE
Application
Data cable for transmission of digital and analog signals up to 1000 MHz. It is designed for horizontal cablings subsystems
as connection between a floor distribution and the telecommunication outlets (TO’s). Acc. to TIA/EIA-568, ISO/IEC 11801
2
nd edition, EN 50173, EN 50288-4-1, IEC 61156-5. For application in LANs like IEEE 802.3: 10Base-T, 100Base-T,
1000Base-T, 10GBase-T; IEEE 802.3at: suitable for PoE; FDDI; ISDN; ATM; Cable Sharing.
Design
Conductor
bare copper AWG 23/1, massive
Insulation
Skin-Foam-Skin PE, ca. 1.37 mm outer Ø
Core identification code
acc. to IEC 708-1
Pair screening
plastic laminated aluminum foil
Stranding
4 pairs, stranded to bundle
Screening
braid of copper wires, tinned wire ca. 0,10 mm
Outer sheath
halogen free compound (FRNC), yellow,
outer Ø: ca. 7.5 mm
Electrical properties at 20° C
Resistance (loop)
max. 150 Ω/km, acc. to VDE 0812
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 45 nF/km
Characteristic impedance
100 Ω ±5 Ω
(at 100 MHz)
Velocity of propagation
ca. 0.79 c
Signal propagation time
<425 ns/100m
Delay difference
<8 ns/100m
Screening attenuation
>75 dB
(up to 1000 MHz)
Test voltage
700 V (AC)


Similar Part No. - 2170614

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170614-1 TEC-2170614-1 Datasheet
610Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170614

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
74004E BELDEN-74004E Datasheet
170Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, PVC jkt, AWM 20276
2022 Belden, Inc
74004ELV BELDEN-74004ELV Datasheet
176Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, B2ca
2022 Belden, Inc
74004ELW BELDEN-74004ELW Datasheet
176Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Cca
2022 Belden, Inc
74004PU BELDEN-74004PU Datasheet
170Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
BE43887 BELDEN-BE43887 Datasheet
185Kb / 3P
DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, ECE R118
2022 Belden, Inc
MA6ASFL BELDEN-MA6ASFL Datasheet
167Kb / 3P
MarineTuff Cat 6A, S/FTP, 4 Pr 23 BC,FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
MA6AUFL BELDEN-MA6AUFL Datasheet
165Kb / 3P
MarineTuff Cat 6A, U/FTP, 4 Pr 23 BC, FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
logo
Lapp.
2170360 LAPP-2170360 Datasheet
164Kb / 1P
UNITRONIC® BUS CC 3X1XAWG20/7
01.02.2019
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
UNITRONIC® 300 S
May 15, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com