Electronic Components Datasheet Search
  English  ▼

X  

0803959 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803959
Description  Thermal transfer printer - THERMOFOX - 0803984
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803959 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803959 Datasheet HTML 1Page - PHOENIX CONTACT 0803959 Datasheet HTML 2Page - PHOENIX CONTACT 0803959 Datasheet HTML 3Page - PHOENIX CONTACT 0803959 Datasheet HTML 4Page - PHOENIX CONTACT 0803959 Datasheet HTML 5Page - PHOENIX CONTACT 0803959 Datasheet HTML 6Page - PHOENIX CONTACT 0803959 Datasheet HTML 7Page - PHOENIX CONTACT 0803959 Datasheet HTML 8Page - PHOENIX CONTACT 0803959 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/gb/products/0803984
03/27/2018   Page 1 / 15
Thermal transfer printer - THERMOFOX - 0803984
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Portable thermal transfer printer for roll material
Product Description
The THERMOFOX handheld printer is ideally suited to fast marking on site. The thermal transfer printer is robust, easy to use, and offers versatile
functions. It processes continuous media for terminal blocks, cables and conductors, equipment marking, and plant marking.
Why buy this product
 Maintenance-free operation with proven thermal transfer printing technology
 Easy to control with the CLIP PROJECT software
 Printing of self-adhesive, non-sticky labels and shrink sleeves
 The THERMOFOX prints materials in cassette format, which contain the material to be marked and the appropriate ink ribbon.
 Intuitive user guidance thanks to a well-structured menu and direct input keys
 8 different barcodes and over 300 symbols can be integrated.
 Alternative control via the CLIP PROJECT software
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626212586
Weight per Piece (excluding packing)
807.000 g
Custom tariff number
84433210
Country of origin
China
Technical data
General
Interface
USB
Weight
656 g
Dimensions


Similar Part No. - 0803959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803959 PHOENIX-0803959 Datasheet
188Kb / 5P
MM-EMLF (EX10)R C1 RD/WH - Label, highly flexible
More results

Similar Description - 0803959

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
TDP43MY Thermal Transfer Desktop Printer and Accessories
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1085260 PHOENIX-1085260 Datasheet
108Kb / 9P
Thermal transfer printer - THERMOMARK ROLL 2.0
09/12/2020
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com