Electronic Components Datasheet Search
  English  ▼

X  

0803941 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803941
Description  Thermal transfer printer - THERMOFOX - 0803984
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803941 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803941 Datasheet HTML 1Page - PHOENIX CONTACT 0803941 Datasheet HTML 2Page - PHOENIX CONTACT 0803941 Datasheet HTML 3Page - PHOENIX CONTACT 0803941 Datasheet HTML 4Page - PHOENIX CONTACT 0803941 Datasheet HTML 5Page - PHOENIX CONTACT 0803941 Datasheet HTML 6Page - PHOENIX CONTACT 0803941 Datasheet HTML 7Page - PHOENIX CONTACT 0803941 Datasheet HTML 8Page - PHOENIX CONTACT 0803941 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
https://www.phoenixcontact.com/gb/products/0803984
03/27/2018   Page 2 / 15
Thermal transfer printer - THERMOFOX - 0803984
Technical data
Dimensions
Length
230 mm
Height
69 mm
Width
98 mm
Connection data
Minimum voltage
100 V AC
Max. voltage
240 V AC
Additional text
50 Hz ... 60 Hz
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 10;
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Classifications
eCl@ss
eCl@ss 4.0
24010402
eCl@ss 4.1
24010402
eCl@ss 5.0
19020207
eCl@ss 5.1
19020207
eCl@ss 6.0
27141137
eCl@ss 7.0
27141137
eCl@ss 8.0
19140104
eCl@ss 9.0
19140104
ETIM
ETIM 2.0
EC000761
ETIM 3.0
EC000761
ETIM 4.0
EC001672
ETIM 5.0
EC001672
ETIM 6.0
EC001672
UNSPSC
UNSPSC 6.01
43172501
UNSPSC 7.0901
43212107
UNSPSC 11
43172501
UNSPSC 12.01
43212107
UNSPSC 13.2
43212108
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com