Electronic Components Datasheet Search
  English  ▼

X  

4160307 Datasheet(PDF) 1 Page - Lapp.

Part # 4160307
Description  MULTI-STANDARD SC 2.1
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4160307 Datasheet(HTML) 1 Page - Lapp.

  4160307 Datasheet HTML 1Page - Lapp. 4160307 Datasheet HTML 2Page - Lapp. 4160307 Datasheet HTML 3Page - Lapp. 4160307 Datasheet HTML 4Page - Lapp. 4160307 Datasheet HTML 5Page - Lapp. 4160307 Datasheet HTML 6Page - Lapp. 4160307 Datasheet HTML 7Page - Lapp. 4160307 Datasheet HTML 8Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT INFORMATION
MULTI-STANDARD SC 2.1
USA: UL-listed (MTW), Canada: CSA (TEW), Europe: <HAR> H07V-K (depending on cross s.), tin-coated strands
Lapp Kabel® MULTI-STANDARD SC 2.1, power and control cable, PVC single core for field wiring, UL MTW VW-1, UL AWM
style 1015 600 V, CSA TEW FT1, HAR H07V-K
Info
The all-rounder for many markets
Oil-resistant
Benefits
For use in the most important global markets
Reduction in technical documentation
Easier storage; increases the cost-effectiveness of the production process
Works with "Conductor end sleeves XL, insulated"
Application range
Factory wiring
Field wiring
Internal wiring of devices
Control cabinet wiring
Product features
Flame-retardant according IEC 60332-1-2
Flame-retardant according to UL VW1/CSA FT1
Oil-resistant
Last Update (05.02.2018)
1 / 8
©2018 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 4160307

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
41603 WIHA-41603 Datasheet
58Kb / 1P
FlipSelector T bit set, 25 mm
More results

Similar Description - 4160307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300003-2 PASTERNACK-PE300003-2 Datasheet
236Kb / 1P
CABLE ASSEMBLY SC TO SC SIMPLEX MULTI MODE
PE300003-3 PASTERNACK-PE300003-3 Datasheet
236Kb / 1P
CABLE ASSEMBLY, SC TO SC SIMPLEX MULTI MODE
PE300009-1 PASTERNACK-PE300009-1 Datasheet
246Kb / 1P
CABLE ASSEMBLY, SC TO SC DUPLEX, MULTI MODE
PE300009-2 PASTERNACK-PE300009-2 Datasheet
246Kb / 1P
CABLE ASSEMBLY, SC TO SC DUPLEX MULTI MODE
PE300009-3 PASTERNACK-PE300009-3 Datasheet
246Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX MULTI MODE
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
Kemet Corporation
SC-10-200 KEMET-SC-10-200 Datasheet
477Kb / 6P
SC Coils, Standard Type
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
logo
Lapp.
4150500 LAPP-4150500 Datasheet
314Kb / 4P
MULTI-STANDARD SC 2.2
13.01.2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com