Electronic Components Datasheet Search
  English  ▼

X  

1027607 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1027607
Description  Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1013420
12/17/2019   Page 5 / 8
Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
Accessories
Printed-circuit board connector - MCC 0,5/12-ST-2,54 - 1012277
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, Nominal cross section: 0.75 mm², number of
positions: 12, pitch: 2.54 mm, connection method: Crimp connection, color: black
 
 
Printed-circuit board connector - MCC 0,5/13-ST-2,54 - 1012278
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, Nominal cross section: 0.75 mm², number of
positions: 13, pitch: 2.54 mm, connection method: Crimp connection, color: black
 
 
Printed-circuit board connector - MCC 0,5/14-ST-2,54 - 1012279
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, Nominal cross section: 0.75 mm², number of
positions: 14, pitch: 2.54 mm, connection method: Crimp connection, color: black
 
 
Printed-circuit board connector - MCC 0,5/15-ST-2,54 - 1012281
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, Nominal cross section: 0.75 mm², number of
positions: 15, pitch: 2.54 mm, connection method: Crimp connection, color: black
 
 
Printed-circuit board connector - MCC 0,5/16-ST-2,54 - 1012282
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, Nominal cross section: 0.75 mm², number of
positions: 16, pitch: 2.54 mm, connection method: Crimp connection, color: black
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com