Electronic Components Datasheet Search
  English  ▼

X  

M58LW032D Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 33Page - STMicroelectronics M58LW032D Datasheet HTML 34Page - STMicroelectronics M58LW032D Datasheet HTML 35Page - STMicroelectronics M58LW032D Datasheet HTML 36Page - STMicroelectronics M58LW032D Datasheet HTML 37Page - STMicroelectronics M58LW032D Datasheet HTML 38Page - STMicroelectronics M58LW032D Datasheet HTML 39Page - STMicroelectronics M58LW032D Datasheet HTML 40Page - STMicroelectronics M58LW032D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37/50
M58LW032D
Table 28. Block Status Register
Note: 1. BA specifies the block address location, A21-A17.
2. In x8 mode, A0 must be set to VIL, otherwise 00h will be output.
3. Not Supported.
Table 29. Extended Query information
Address
Data
Selected Block Information
(BA+2)h(1,2)
bit0
0
Block Unprotected
1
Block Protected
bit1
0
Last erase operation ended successfully (3)
1
Last erase operation not ended successfully (3)
bit7-2
0
Reserved for future features
Address
Data (Hex)
Description
offset
x16
x8(2)
(P)h
0031h
62h
50h
"P"
Query ASCII string - Extended Table
(P+1)h
0032h
64h
52h
"R"
(P+2)h
0033h
66h
49h
"Y"
(P+3)h
0034h
68h
31h
Major version number
(P+4)h
0035h
6Ah
31h
Minor version number
(P+5)h
0036h
6Ch
CEh
Optional Feature: (1=yes, 0=no)
bit0, Chip Erase Supported (0=no)
bit1, Suspend Erase Supported (1=yes)
bit2, Suspend Program Supported (1=yes)
bit3, Protect/Unprotect Supported (1=yes)
bit4, Queue Erase Supported (0=no)
bit5, Instant Individual Block locking (0=no)
bit6, Protection bits supported (1=yes)
bit7, Page Read supported (1=yes)
bit8, Synchronous Read supported (0 =no)
bits 9 to 31 reserved for future use
(P+6)h
0037h
6Eh
00h
(P+7)h
0038h
70h
00h
(P+8)h
0039h
72h
00h
(P+9)h
003Ah
74h
01h
Function allowed after Suspend:
Program allowed after Erase Suspend (1=yes)
Bits 7-1 reserved for future use
(P+A)h
003Bh
76h
01h
Block Status Register
bit0, Block Protect Bit status active (1=yes)
bit1, Block Lock-Down Bit status active (not supported)
bits 2 to 15 Reserved for future use
(P+B)h
003Ch
78h
00h
(P+C)h
003Dh
7Ah
33h
VDD OPTIMUM Program/Erase voltage conditions
(P+D)h
003Eh
7Ch
00h
VPP OPTIMUM Program/Erase voltage conditions
(P+E)h
003Fh
7Eh
01h
OTP protection: No. of Protection Register fields
(P+F)h
0040h
80h
80h
Protection Register’s start address, least significant bits
(P+10)h
0041h
82h
00h
Protection Register’s start address, most significant bits
(P+11)h
0042h
84h
03h
n where 2n is number of factory reprogrammed bytes
(P+12)h
0043h
86h
03h
n where 2n is number of user programmable bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com