Electronic Components Datasheet Search
  English  ▼

X  

0805002 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 0805002
Description  Thermal transfer printer - THERMOFOX - 0803984
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805002 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 0805002 Datasheet HTML 7Page - PHOENIX CONTACT 0805002 Datasheet HTML 8Page - PHOENIX CONTACT 0805002 Datasheet HTML 9Page - PHOENIX CONTACT 0805002 Datasheet HTML 10Page - PHOENIX CONTACT 0805002 Datasheet HTML 11Page - PHOENIX CONTACT 0805002 Datasheet HTML 12Page - PHOENIX CONTACT 0805002 Datasheet HTML 13Page - PHOENIX CONTACT 0805002 Datasheet HTML 14Page - PHOENIX CONTACT 0805002 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
https://www.phoenixcontact.com/gb/products/0803984
03/27/2018   Page 14 / 15
Thermal transfer printer - THERMOFOX - 0803984
Accessories
Shrink sleeve - MM-WMS 9,5 (EX16)R C1 WH/BK - 0803926
Shrink sleeve, continuous, cassette, white with black imprint, mounting type: slide-on, cable diameter: 3.2 - 9.5 mm,
can be marked with THERMOFOX
 
 
Shrink sleeve - MM-WMS-2 3,2 (EX5)R C1 WH/BK - 0803927
Shrink sleeve, continuous, cassette, white with black imprint, mounting type: slide-on, cable diameter: 1.6 - 3.2 mm,
can be marked with THERMOFOX
 
 
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK - 0803928
Shrink sleeve, continuous, cassette, white with black imprint, mounting type: slide-on, cable diameter: 2.4 - 4.8 mm,
can be marked with THERMOFOX
 
 
Shrink sleeve - MM-WMS-2 6,4 (EX10)R C1 WH/BK - 0803929
Shrink sleeve, continuous, cassette, white with black imprint, mounting type: slide-on, cable diameter: 3.2 - 6.4 mm,
can be marked with THERMOFOX
 
 
Shrink sleeve - MM-WMS-2 9,5 (EX16)R C1 WH/BK - 0803930
Shrink sleeve, continuous, cassette, white with black imprint, mounting type: slide-on, cable diameter: 4.8 - 9.5 mm,
can be marked with THERMOFOX
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com