Electronic Components Datasheet Search
  English  ▼

X  

MAX985 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX985
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX985 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX985 Datasheet HTML 5Page - Maxim Integrated Products MAX985 Datasheet HTML 6Page - Maxim Integrated Products MAX985 Datasheet HTML 7Page - Maxim Integrated Products MAX985 Datasheet HTML 8Page - Maxim Integrated Products MAX985 Datasheet HTML 9Page - Maxim Integrated Products MAX985 Datasheet HTML 10Page - Maxim Integrated Products MAX985 Datasheet HTML 11Page - Maxim Integrated Products MAX985 Datasheet HTML 12Page - Maxim Integrated Products MAX985 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
9
Zero-Crossing Detector
Figure 3 shows a zero-crossing detector application.
The MAX985’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVP-P
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
Figure 4 shows an application that converts 5V logic lev-
els to 3V logic levels. The MAX986 is powered by the 5V
supply voltage, and the pullup resistor for the MAX986’s
open-drain output is connected to the 3V supply voltage.
This configuration allows the full 5V logic swing without
creating overvoltage on the 3V logic inputs. For 3V to 5V
logic-level translation, simply connect the 3V supply to
VCC and the 5V supply to the pullup resistor.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, PCB techniques,
bump-pad layout, and recommended reflow tempera-
ture profile, as well as the latest information on reliability
testing results, refer to the Application Note: UCSP—A
Wafer-Level Chip-Scale Package on Maxim’s web site
at www.maxim-ic.com/ucsp.
MAX985
IN+
4
3
OUT
1
2
5
VCC
100mV
VCC
VEE
IN-
MAX986
IN-
100kΩ
100kΩ
4
3
RPULLUP
3V (5V)
LOGIC OUT
OUT
1
5
2
VCC
5V (3V)
3V (5V)
VEE
5V (3V) LOGIC IN
IN+
Figure 3. Zero-Crossing Detector
Figure 4. Logic-Level Translator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com