Electronic Components Datasheet Search
  English  ▼

X  

LS1012ARDB-PC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LS1012ARDB-PC
Description  Reference Design Board Errata
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012ARDB-PC Datasheet(HTML) 3 Page - NXP Semiconductors

  LS1012ARDB-PC Datasheet HTML 1Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 2Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 3Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 4Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 5Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 6Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 7Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 8Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
E-00002:
USB 3.0 HDD drive is showing intermittent failures during enumeration and
data transfer
Description: USB 3.0 HDD fail during data transfer and enumeration. The USB power switch asserts power
fault. The root cause is traced to battery charger and power mux circuitry. This circuitry loads
the VBUS and the power switch disables VBUS along with the POWERFAULT assertion.
Impact:
All USB 3.0 based use cases is impacted.
Workaround: 1. Remove the Li-Ion battery, if it is connected on connector J2.
2. Unmount R3601.
3. Cut the trace from R3601 to the U6.4 pin.
Figure 2. E-00002 workaround
Fix plan:
The permanent fix will be available on the Rev D and higher boards.
LS1012A Reference Design Board Errata, Rev. 2, 02/2017
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9