Electronic Components Datasheet Search
  English  ▼

X  

MAS9180ABTC00 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS9180ABTC00
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9180ABTC00 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS9180ABTC00 Datasheet HTML 7Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 8Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 9Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 10Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 11Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 12Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 13Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 14Page - Micro Analog systems MAS9180ABTC00 Datasheet HTML 15Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15 (15)
DA9180.004
15 September, 2005
ORDERING INFORMATION
Product Code
Product
Description
Capacitance Option
MAS9180A1TC00
Single Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 0.75 pF
MAS9180A5TC00
Single Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
External compensation
capacitor
MAS9180A1UA06
Single Band AM-Receiver IC
with Differential Input
TSSOP-16,
Tape & Reel
CC = 0.75 pF
MAS9180A1UC06
Single Band AM-Receiver IC
with Differential Input
TSSOP-16, Pb-free, RoHS
compliant, Tape & Reel
CC = 0.75 pF
MAS9180ABTC00
Single Band AM-Receiver IC
with Asymmetric Input
EWS-tested wafer,
Thickness 400 µm.
CC = 0.75 pF
MAS9180ACTC00
Single Band AM-Receiver IC
with Asymmetric Input
EWS-tested wafer,
Thickness 400 µm.
CC = 1.25 pF
MAS9180ADTC00
Single Band AM-Receiver IC
with Asymmetric Input
EWS-tested wafer,
Thickness 400 µm.
CC = 1.5 pF
MAS9180AETC00
Single Band AM-Receiver IC
with Asymmetric Input
EWS-tested wafer,
Thickness 400 µm.
CC = 2.5 pF
MAS9180AFTC00
Single Band AM-Receiver IC
with Asymmetric Input
EWS-tested wafer,
Thickness 400 µm.
External compensation
capacitor
Contact Micro Analog Systems Oy for other wafer thickness options.
N
The formation of product code
An example for MAS9180A1TC00:
MAS9180
A
1
TC
00
Product
name
Design
version
Input type and
capacitance option:
Differential input
and CC = 0.75 pF
Package type:
TC = 400
µm thick EWS tested wafer
UA = TSSOP16 (Pb/Sn)
UC = TSSOP16 (Pb-free, RoHS compliant)
Delivery format:
00 = bare wafer
06 = Tape &
Reel
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com