Electronic Components Datasheet Search
  English  ▼

X  

MIC33050 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC33050
Description  4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33050 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC33050 Datasheet HTML 1Page - Micrel Semiconductor MIC33050 Datasheet HTML 2Page - Micrel Semiconductor MIC33050 Datasheet HTML 3Page - Micrel Semiconductor MIC33050 Datasheet HTML 4Page - Micrel Semiconductor MIC33050 Datasheet HTML 5Page - Micrel Semiconductor MIC33050 Datasheet HTML 6Page - Micrel Semiconductor MIC33050 Datasheet HTML 7Page - Micrel Semiconductor MIC33050 Datasheet HTML 8Page - Micrel Semiconductor MIC33050 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC33050
October 2007
3
M9999-100407-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).........................................................6V
Output Switch Voltage (VSW) ............................................6V
Output Switch Current (ISW)..............................................2A
Logic Input Voltage (VEN) .................................. –0.3V to VIN
Storage Temperature Range (Ts)..............–65°C to +150°C
ESD Rating
(3).................................................................. 3kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.7V to 5.5V
Logic Input Voltage (VEN)…………………………-0.3V to VIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Thermal Resistance
3mm x 3mm MLF
®-12 (θJA)................................60°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN = 3.6V; CFF = 560pF; COUT = 4.7µF; IOUT = 20mA unless otherwise specified.
Bold
values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current,
Hyper LL mode
IOUT = 0mA , VSNS > 1.2*VOUT nominal
20
32
µA
Shutdown Current
VIN = 5.5V; VEN = 0V;
0.01
4
µA
Output Voltage Accuracy
VIN = 3.0V, ILOAD = 20mA
–2.5
+2.5
%
Current Limit in PWM Mode
SNS = 0.9*VNOM
0.65
1
1.7
A
Output Voltage Line Regulation
VIN = 3.0V to 5.5V, ILOAD = 20mA
0.5
%/V
Output Voltage Load Regulation
20mA < ILOAD < 500mA,
0.3
%
Maximum Duty Cycle
SNS
≤ VNOM
80
89
%
PWM Switch ON-Resistance
ISW = 100mA PMOS
ISW = -100mA NMOS
0.45
0.5
Ω
Ω
Frequency
ILOAD = 120mA
3.4
4
4.6
MHz
Soft Start Time
VOUT = 90%
650
µs
Enable Threshold
(turn-on)
0.5
0.8
1.2
V
Enable Hysteresis
35
mV
Enable Input Current
0.1
2
µA
Over-temperature Shutdown
165
°C
Over-temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com