Electronic Components Datasheet Search
  English  ▼

X  

RHF1201 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics RHF1201 Datasheet HTML 10Page - STMicroelectronics RHF1201 Datasheet HTML 11Page - STMicroelectronics RHF1201 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics (unchanged after 300kRad)
RHF1201
8/18
Digital outputs
VOL
Logic "0" voltage
IOL =-1mA
0
0.2
V
VOH
Logic "1" voltage
IOH =1mA
VCCBE
- 0.2
V
IOZ
High impedance leakage current
OEB set to VIH
-15
15
µA
CL
Output load capacitance
15
pF
Table 7.
Digital inputs and outputs (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 8.
Accuracy
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
OE
Offset error
Fin = 2 MHz,
VIN @ +1 dBFS
±0.3
%
DNL
Differential non linearity(1)
Fin = 2 MHz,
VIN @ +1 dBFS
±0.5
LSB
INL
Integral non linearity(1)
Fin = 2 MHz,
VIN @ +1 dBFS
±1.7
LSB
-
Monotonicity and no missing codes
Guaranteed
1.
See Section 8: Definitions of specified parameters on page 14 for more information.
Table 9.
Dynamic characteristics
Symbol
Parameter(1)
Test
conditions(2)
Min
Typ
Max
Unit
SFDR
Spurious free dynamic range
Fin =15MHz
-75
-63
dBc
Fin =95MHz
-70
Fin = 145 MHz
-57
dBc
SNR
Signal to noise ratio
Fin = 15 MHz
59
63
dB
Fin = 95 MHz
60
dB
Fin = 145 MHz
59
THD
Total harmonics distortion
Fin =15MHz
-76
-64
dB
Fin =95MHz
-72
dB
Fin = 145 MHz
-58
SINAD
Signal to noise and distortion ratio
Fin = 15 MHz
59
63
dB
Fin =95MHz
60
Fin = 145 MHz
56.5
dB
ENOB
Effective number of bits
Fin = 15 MHz
9.7
10.3
bits
Fin =95MHz
9.5
bits
Fin = 145 MHz
9.1
1.
See Section 8: Definitions of specified parameters on page 14 for more information.
2.
VREFP = 1 V with external supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com