Electronic Components Datasheet Search
  English  ▼

X  

RHF1201KSO2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHF1201KSO2
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201KSO2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHF1201KSO2 Datasheet HTML 5Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 6Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 7Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 8Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 9Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 10Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 11Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 12Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RHF1201
Application information
9/18
7
Application information
The RHF1201 is a high speed analog to digital converter based on a pipeline architecture
and a 0.25 µm CMOS process to achieve the best performance in terms of linearity and
power consumption.
The pipeline structure consists of 11 internal conversion stages in which the analog signal is
fed and sequentially converted into digital data. Signal input is sampled on the rising edge of
the clock.
The first 10 stages of the conversion include at each stage, an analog to digital converter, a
digital to analog converter, a Sample and Hold, and an amplifier with a gain of 2. A 1.5 bit
conversion resolution is also performed at each stage. The final stage is simply a
comparator. Each resulting LSB-MSB couple is then time shifted to recover from the delay
caused by the conversion. Digital data correction completes the processing by recovering
from the redundancy of the (LSB-MSB) couple at each stage. The corrected data is output
through the digital buffers.
The advantages of such a converter reside in the combination of pipeline architecture and
the most advanced technologies. The highest dynamic performances are achieved while
consumption remains at the lowest level.
7.1
RHF1201 operating modes
Extra functionalities are provided to simplify the application board as much as possible. The
operation modes offered by the RHF1201 are described in the following table.
Data format select (DFSB)
When set to low level (VIL), the digital input DFSB provides a two’s complement digital
output MSB. This can be of interest when performing some further signal processing.
When set to high level (VIH), DFSB provides a standard binary output coding.
Table 10.
RHF1201 operating modes
Inputs
Outputs
Analog input differential level
DFSB
OEB
SRC
OR
DR
Most significant
bit (MSB)
(VIN-VINB)
>
RANGE
H
L
X
H
CLK
D11
-RANGE
>
(VIN-VINB)H
L
X
H
CLK
D11
RANGE>
(VIN-VINB)>-RANGE
H
L
X
L
CLK
D11
(VIN-VINB)
>
RANGE
L
L
X
H
CLK
D11 Complemented
-RANGE
>
(VIN-VINB)
L
L
X
H
CLK
D11 Complemented
RANGE>
(VIN-VINB)
>-RANGE
L
L
X
L
CLK
D11 Complemented
X
X
H
X
HZ
HZ
HZ
X
X
X
H
X
CLK
Low slew rate
X
X
X
L
X
CLK
High slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com