Electronic Components Datasheet Search
  English  ▼

X  

272018 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # 272018
Description  Lead-free Cleaner and Tinner for Soldering Iron Tips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

272018 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  272018 Datasheet HTML 1Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data Sheet
The above mentioned values are typical data but represent no specification warranty whatsoever. This Data Sheet merely serves information purposes. Our technical
application advisory in word and print is non-binding, no matter whether such originates from the Works or from one of our sales representatives - this also with reference
to any protective rights of third parties - and does not release our customers from the responsibility of verifying our products as regards suitability for the intended
processes and purposes. Should however any liability on our part obtain, we will only indemnify on the same extent as with defects in quality.
TDB_ECOLOY TIPPY_EN
Page 1 of 1
Stand: 31.08.04
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
STANNOL
® ECOLOY® Tippy
Lead-free Cleaner and Tinner for Soldering Iron Tips
Description:
STANNOL
® ECOLOY® Tippy cleans and tins quickly and easily in one step.
Particularly electronics and electrical industry need clean operative soldering tips. Contaminated
and oxidized soldering tips get back their soldering ability. STANNOL
® ECOLOY® Tippy contains
high-quality lead-free solder powder Sn97Cu3 with activating additives. The alloy for tinning is
compatible with all usual solders (also lead-containing alloys). Therefore you can work without
difficulties both with lead-containing and lead-free solder wire.
For
lead-free applications only use ECOLOY® Tippy with the
-symbol!
Application:
Wipe or easily turn the soldering tips over the surface of STANNOL
® ECOLOY® Tippy (attention:
Never press the hot soldering tip onto the block). The tip temperature should be min. 250°C and
max. 450°C. The cleaning and tinning improves, the higher the tip temperature is.
Even at high temperatures only hardly perceptible steams arise, therefore the ambient air will not
be polluted. After cleaning and tinning the soldering tip must be cleaned with a slightly moistened
sponge. A very thin tin coat is sufficient, with which can be worked immediately.
Packaging:
1 block STANNOL
® ECOLOY® Tippy, net 12 g, in a metal box. A packing unit consists of 10
jars/cardboard.
is a registered trademark of STANNOL GmbH


Similar Part No. - 272018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2720 ETC2-2720 Datasheet
72Kb / 1P
KNOB
logo
Heyco.
2720 HEYCO-2720 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
2720-Q ETC2-2720-Q Datasheet
72Kb / 1P
KNOB
logo
ROSE Systemtechnik GmbH
27200001 ROSE-27200001 Datasheet
1Mb / 3P
Taguan 180, open (without Battery Compartment)
27200002 ROSE-27200002 Datasheet
1Mb / 3P
Taguan 180, open (without Battery Compartment)
More results

Similar Description - 272018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
Solder Pots For lead-Free Soldering
logo
STANLEY ELECTRIC CO.,LT...
VCEL1152GS-TR STANLEY-VCEL1152GS-TR Datasheet
729Kb / 25P
Lead-free soldering compatible
VCKB1111CS-TR STANLEY-VCKB1111CS-TR Datasheet
553Kb / 22P
Lead-free soldering compatible
VSTL1156GSE-TR STANLEY-VSTL1156GSE-TR Datasheet
734Kb / 26P
Lead-free soldering compatible
VFHA1111CS-3BZ3B-TR STANLEY-VFHA1111CS-3BZ3B-TR Datasheet
540Kb / 23P
Lead-free soldering compatible
FKR1111C-TR STANLEY-FKR1111C-TR Datasheet
1Mb / 20P
Lead-free soldering compatible
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com