Electronic Components Datasheet Search
  English  ▼

X  

331034 Datasheet(PDF) 2 Page - Stannol GmbH & Co KG

Part # 331034
Description  New Lead-Free Solder Alloy for Electronic Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

331034 Datasheet(HTML) 2 Page - Stannol GmbH & Co KG

  331034 Datasheet HTML 1Page - Stannol GmbH & Co KG 331034 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for
the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third
parties, and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or purpose.
Should any liability on the part of the company arise, the company will only indemnify for loss or dam age to the same extent as for defects in quality.
TDB_ME_FLOWTIN_TC_EN.doc
Page 2 of 2
Issue: 24.04.06
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
Physical and Mechanical Properties of ECOLOY
® and FLOWTIN® solders compared with
Sn63Pb37:
Properties
S-Sn63Pb37
STANNOL
®
ECOLOY TSC
(Sn95,5Ag3,8Cu0,7)
STANNOL
®
ECOLOY
® TS
(S-Sn96Ag4)
STANNOL
®
ECOLOY
® TC
(S-Sn99Cu1)
STANNOL
®
FLOWTIN
® TC
Melting Point /°C
183
217
221
227
227
electrical Conductivity
%IACS
11,9
13
14
-
-
electrical
resistivity / µ
Ω
Ω cm
14,5
13
12,3
-
-
Brinell Hardness, HB
17
15
15
-
-
Density /g cm
-3
8,4
7,5
7,5
7,3
7,3
Tensile strength, (20°C) /
N mm
-2
at 0,004 s
-1
Shear rate
40
48
58
48
-
Shear Strength N mm
-2
at 0,1mm
-1
, 20°C
at 0,1mm
-1
, 100°C
23
14
27
17
27
17
23
16
23
16
Creep Resistance* N mm
-2
20°C
100°C
3,3
1,0
13,0
5,0
13,7
5,0
13,7
5,0
8,6
2,1
Recommended Conditions of Use
Wave soldering
The recommended operation conditions for wave soldering are the same like normal ECOLOY
® TC solders,
since the melting point remains!
Purity
Sn99Cu1, Solder to DIN EN 61190-1-3 and DIN EN 29453 / ISO 9453 Contains pure tin with 0,7%Cu and
micro-additives
Delivery Forms
STANNOL
® FLOWTIN® TC is available as bars and sticks or as wire for wave soldering, for rework and repair
application as well as for robotic processes.
Health and Safety
Information about Health and Safety and Disposal of used products can be found in our Safety data Sheet, which is
available on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com