Electronic Components Datasheet Search
  English  ▼

X  

331035 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # 331035
Description  Lead-Free Alloy for Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

331035 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  331035 Datasheet HTML 1Page - Stannol GmbH & Co KG 331035 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for the
company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third parties, and
does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or purpose. Should any liability
on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_ME_ECOLOY_TC_EN
Page 1 of 2
Issue: 01.04.09
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
STANNOL
® Solder ECOLOY® TC
Lead-Free Alloy for Electronics
Pure Tin-Copper Alloy - No Other Additions
Patent-Free Alloy – No Licence Fees
Well Approved in Electronic Production
Eutectic Alloy (Melting Point 227°C )
Good Wetting Properties
Valuable Price – No Silver
Description
STANNOL
® ECOLOY® TC (Sn99Cu1) is a lead-free solder according to ISO 9453:2006 (alloy no. 401) to eliminate
tin-lead alloys in all processes of electric and electronic manufacturing. The use of ECOLOY
® TC guarantees that lead-
free assemblies can be produced according to WEEE and RoHS.
STANNOL
® ECOLOY® TC eliminates problematic disposal of lead containing waste.
Application
Using ECOLOY
® TC solder requires adaptation of machine settings. Temperature profiles must match with the high
melting point of the alloy and the thermal demand of the PCB. The properties of solder joints manufactured with
ECOLOY
® TC are comparable with those soldered with tin-lead alloys. This alloy can be used for wave soldering as
well as for dip tinning e.g. for wire beads.
Physical and Mechanical Properties of ECOLOY
® Solders compared
with Sn63Pb37:
Properties
S-Sn63Pb37*
STANNOL
®
ECOLOY
® TSC
(S-Sn95Ag4Cu1)*
STANNOL
®
ECOLOY
® TS
(S-Sn96Ag4)*
STANNOL
®
ECOLOY
® TC
(S-Sn99Cu1)*
Melting point/ range, °C
183
217
221
227
Electrical Conductivity, %IACS
11.9
13
14
15.6
Electrical Restivity, µ
Ωcm
14.5
13
12.3
12.6
Brinell Hardness, HB
17
15
15
9
Density, g/cm
3
8,4
7.5
7.5
7.3
Shear tension, (20°C)/ N mm
-2
at 0,004 s
-1 Shear rate
40
48
58
48
Shear resistance N mm
-2
at 0,1mm
-1, 20°C
23
27
27
27
at 0,1mm
-1, 100°C
14
17
17
17
Creep resistance* N mm
-2
20°C
3.3
13.0
13.7
13.0
100°C
1.0
5.0
5.0
5.0
*Complying with ISO 9453:2006


Similar Part No. - 331035

ManufacturerPart #DatasheetDescription
logo
Stannol GmbH & Co KG
331030 STANNOL-331030 Datasheet
51Kb / 2P
New Lead-Free Solder Alloy for Electronic Application
24.04.06
logo
CML Innovative Technolo...
33103001 CMLINNOVATIVETECHNOLOGIES-33103001 Datasheet
187Kb / 1P
Red Cable with 2.0 x 0.5 insulated female receptacle
23 May 13
33103002 CMLINNOVATIVETECHNOLOGIES-33103002 Datasheet
187Kb / 1P
Black Cable with 2.0 x 0.5 insulated female receptacle
2 Dec 15
logo
Wurth Elektronik GmbH &...
331031271520 WURTH-331031271520 Datasheet
981Kb / 5P
WE-SECF SMD EMI Contact Finger
331031321515 WURTH-331031321515 Datasheet
999Kb / 5P
WE-SECF SMD EMI Contact Finger
More results

Similar Description - 331035

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1600EXD25 TOSHIBA-1600EXD25 Datasheet
111Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
07-Oct-1997
1600GXD22 TOSHIBA-1600GXD22 Datasheet
106Kb / 2P
ALLOY-FREE (RECTIFIER APPLICATIONS)
07-Oct-1997
3000EXD22 TOSHIBA-3000EXD22 Datasheet
115Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
3000HXD22 TOSHIBA-3000HXD22 Datasheet
116Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
500HXD28 TOSHIBA-500HXD28 Datasheet
106Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
07-Oct-1997
800EXD28 TOSHIBA-800EXD28 Datasheet
110Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
800EXD29 TOSHIBA-800EXD29 Datasheet
110Kb / 2P
ALLOY-FREE RECTIFIER (RECTIFIER APPLICATIONS)
logo
List of Unclassifed Man...
SAC305 ETC1-SAC305 Datasheet
245Kb / 1P
SAC305 LEAD-FREE SOLDER ALLOY
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com