Electronic Components Datasheet Search
  English  ▼

X  

331036 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # 331036
Description  Lead-Free Alloys for Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

331036 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  331036 Datasheet HTML 1Page - Stannol GmbH & Co KG 331036 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for
the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third
parties, and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or
purpose. Should any liability on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_ME_ECOLOY_TSC_EN
Page 1 of 2
Issue: 03.09.04
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
STANNOL ECOLOY
® TSC
Lead-Free Alloys for Electronics
The best lead-free alternative
•
Proven in production use for electronics manufacturing
•
Lowest melting point of all suitable high-tin alloys
•
Eutectic alloy (no melting range)
•
Enhanced wetting characteristics
Applications
STANNOL
® ECOLOY TSC alloys are designed to substitute the use of tin-lead alloys in all assembly operations
of electronics manufacturing. Where lead has already been eliminated from PCBs and component surfaces, a
complete lead-free proc ess for manufacturing can be installed, using STANNOL
® ECOLOY® TSC.
Some adjustments have to be made on production equipment, e.g. setting of temperature profiles in the reflow
equipment. The properties of the resulting solder joints will perform as well as tin/lead solder joints or even better
in all respects.
Use of STANNOL
® ECOLOY TSC alloys eliminate disposal of toxic lead containing waste and dross.
Product Range
STANNOL
® ECOLOY® TSC are lead-free ternary alloys from tin/silver/copper to replace eutectic or near eutectic
tin-lead or tin-lead-silver alloys.
STANNOL
® ECOLOY® TSC is supplied as solid solder for use in wave soldering equipment, as solid and flux
cored solder wire or as solder powder in solder paste for screen printing and stencilling applications to meet all
customers’ specific needs.
Technical Data of ECOLOY
® TSC
Alloy Composition: Silver = 3,8%(+/-0,2), Copper = 0,5% - 0,7%(+/-0,1), Tin = remainder
Element
Mass %
Element
Mass %
Zinc (Zn)
<0,001
Indium (In)
<0,03
Aluminium (Al)
<0,001
Lead (Pb)
<0,1
Cadmium (Cd)
<0,002
Antimony (Sb)
<0,1
Gold (Au)
<0,005
Bismuth (Bi)
<0,1
Nickel (Ni)
<0,007
Others
<0,2
Iron (Fe)
<0,02
Arsenic (As)
<0,03
STANNOL
® ECOLOY® TSC is supplied with Cu-content of 0,7% (TSC)
or 0,5% (TSC0,5).


Similar Part No. - 331036

ManufacturerPart #DatasheetDescription
logo
Stannol GmbH & Co KG
331030 STANNOL-331030 Datasheet
51Kb / 2P
New Lead-Free Solder Alloy for Electronic Application
24.04.06
logo
CML Innovative Technolo...
33103001 CMLINNOVATIVETECHNOLOGIES-33103001 Datasheet
187Kb / 1P
Red Cable with 2.0 x 0.5 insulated female receptacle
23 May 13
33103002 CMLINNOVATIVETECHNOLOGIES-33103002 Datasheet
187Kb / 1P
Black Cable with 2.0 x 0.5 insulated female receptacle
2 Dec 15
logo
Wurth Elektronik GmbH &...
331031271520 WURTH-331031271520 Datasheet
981Kb / 5P
WE-SECF SMD EMI Contact Finger
331031321515 WURTH-331031321515 Datasheet
999Kb / 5P
WE-SECF SMD EMI Contact Finger
More results

Similar Description - 331036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN227 TOSHIBA-TLN227 Datasheet
175Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
06-Jan-2004
TLN227 TOSHIBA-TLN227_07 Datasheet
203Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
logo
Littelfuse
64600001223 LITTELFUSE-64600001223 Datasheet
119Kb / 1P
PC Mount, for 5x20mm Fuses, lead free
logo
List of Unclassifed Man...
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
Solder Pots For lead-Free Soldering
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
Lead-Free
logo
Seoul Semiconductor
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
Lead Free Product
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
Lead Free
logo
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
lead free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com