Electronic Components Datasheet Search
  English  ▼

X  

556 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 556
Description  UV Certified Indicators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556 Datasheet(HTML) 1 Page - Dialight Corporation

  556 Datasheet HTML 1Page - Dialight Corporation 556 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dialightsignalsandcomponents.com
www.dialightsignalsandcomponents.com
Ordering Information >
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at:
www.dialightsignalsandcomponents.com
Warranty Statement: Except for the warranty expressly provided for at: https://www.dialight.com/resources/warranties/, Dialight disclaims any and all other warranties, express or implied, including, without
limitation, any warranties of merchantability, fitness for a particular purpose, title, and noninfringement.
NEOPRENE
GASKET
LOCKWASHER
1-27 HEX NUT
HOUSING, BRASS
NICKEL PLATED
8.000
[203, 2]
.87
[22, 1]
1.50
[38]
.32
[8, 2]
Ø 1.12
[28, 4]
GLASS LENS
556 Series
UV Certified Indicators
Mechanical information
Mounting Hole Size:
1.0" (25.4 mm)
Max Panel Thickness: Flat: 0.600" (15.24 mm)
Mounting Torque:
40 in-lbs
Specifications
Voltage Options:
24 V DC
Operating Temp:
-40 °C to +100 °C (-22 °F to +185 °F)
Storage Temp:
-40 °C to +100 °C (-40 °F to +212 °F)
Electrical Connection: 8”-18” AWG wire
Housing:
Brass—White
Lens Material:
Glass
Lock Washer:
Phosphor Bronze—White
Nut:
Brass—White
Certifications & Ratings
• IP66
• NEMA 4X
• RoHS Compliant w/ 6C exemption
Application
The 556 Series LED Panel Mount Indicators incorporate
both InGaN and AlInGaP technologies to offer maximum
light output. This is a highly durable package, designed to
withstand outdoor applications susceptible to rain, dust and
sunlight:
• Instrument panels
• Safety applications
• Transportation: rail, bus, airline
• Vending, gaming
• Lane control
• Display lighting
. . . and many more!
inches [mm]
Dimensions


Similar Part No. - 556

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
Computer Grade, Axial Leaded, Aluminum
logo
Mallory performance clu...
556 MALLORY-556 Datasheet
56Kb / 2P
BIG TWIN MOTORCYCLES
logo
List of Unclassifed Man...
556 ETC2-556 Datasheet
1Mb / 16P
Drywall Punch
logo
Keystone Electronics Co...
556 KEYSTONE-556 Datasheet
445Kb / 1P
SURFACE MOUNT BATTERY CLIPS/CONTACTS
31-07 20th
logo
Adafruit Industries
556 ADAFRUIT-556 Datasheet
83Kb / 1P
10-pin Socket/Socket IDC cable - Short 1.5"
More results

Similar Description - 556

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
PRESSURE INDICATORS
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
OSRAM GmbH
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
optical indicators
logo
A-Data Technology
AI920JETBLACK A-DATA-AI920JETBLACK Datasheet
539Kb / 2P
MFi-Certified
logo
OSRAM GmbH
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
optical indicators
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
optical indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com