Electronic Components Datasheet Search
  English  ▼

X  

TO-220AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TO-220AB
Description  N-Channel 100-V (D-S) 175 °C MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-220AB Datasheet(HTML) 2 Page - Vishay Siliconix

  TO-220AB Datasheet HTML 1Page - Vishay Siliconix TO-220AB Datasheet HTML 2Page - Vishay Siliconix TO-220AB Datasheet HTML 3Page - Vishay Siliconix TO-220AB Datasheet HTML 4Page - Vishay Siliconix TO-220AB Datasheet HTML 5Page - Vishay Siliconix TO-220AB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 71141
S-61008–Rev. D, 12-Jun-06
Vishay Siliconix
SUP/SUB85N10-10
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 µA
100
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 125 °C
50
VDS = 100 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = 10 V
120
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A
0.0085
0.0105
Ω
VGS = 4.5 V, ID = 20 A
0.010
0.0012
VGS = 10 V, ID = 30 A, TJ = 125 °C
0.017
VGS = 10 V, ID = 30 A, TJ = 175 °C
0.022
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
25
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, f = 1 MHz
6550
pF
Output Capacitance
Coss
665
Reverse Transfer Capacitance
Crss
265
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 85 A
105
160
nC
Gate-Source Chargec
Qgs
17
Gate-Drain Chargec
Qgd
23
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 0.6 Ω
ID ≅ 85 A, VGEN = 10 V, Rg = 2.5 Ω
12
25
ns
Rise Timec
tr
90
135
Turn-Off DelayTimec
td(off)
55
85
Fall Timec
tf
130
195
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
b
Continuous Current
IS
85
A
Pulsed Current
ISM
240
Forward Voltagea
VSD
IF = 85 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 50 A, di/dt = 100 A/µs
85
140
ns
Peak Reverse Recovery Current
IRM(REC)
4.5
7
A
Reverse Recovery Charge
Qrr
0.17
0.35
µC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com