Electronic Components Datasheet Search
  English  ▼

X  

SPT7910SCU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT7910SCU
Description  12-BIT, 10 MSPS, ECL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPT7910SCU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT7910SCU Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPT
3
3/11/97
SPT7910
Typical thermal impedances (unsoldered, in free air): 32L sidebrazed DIP.
θ
ja = 50 °C/W.
164 distortion BINS from 4096 pt FFT.
2fIN = 1 MHz.
3fIN = 3.58 and 4.35 MHz.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VCC=+5.0 V, VEE=-5.2 V, DVCC=+5.0 V, VIN=±2.0 V, VSB=-2.0 V, VST=+2.0 V, fCLK=10 MHz, 50% clock duty cycle,
unless otherwise specified.
TEST
TEST
SPT7910
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-To-Noise Ratio
(without Harmonics)
fIN=500 kHz
+25
°C
I
64
67
dB
TMIN to TMAX
IV
58
61
dB
fIN=1 MHz
+25
°C
I
64
66
dB
TMIN to TMAX
IV
58
60
dB
fIN=3.58 MHz
+25
°C
I
62
64
dB
TMIN to TMAX
IV
58
60
dB
Harmonic Distortion1
fIN=500 kHz
+25
°C
I
63
66
dB
TMIN to TMAX
IV
59
62
dB
fIN=1.0 MHz
+25
°C
I
63
65
dB
TMIN to TMAX
IV
59
61
dB
fIN=3.58 MHz
+25
°C
I
59
61
dB
TMIN to TMAX
IV
57
59
dB
Signal-to-Noise and Distortion
fIN=500 kHz
+25
°C
I
60
63
dB
TMIN to TMAX
IV
55
58
dB
fIN=1.0 MHz
+25
°C
I
60
62
dB
TMIN to TMAX
IV
55
57
dB
fIN=3.58 MHz
+25
°C
I
57
59
dB
TMIN to TMAX
IV
54
56
dB
Spurious Free Dynamic Range2
+25
°C
V
74
dB
Differential Phase3
+25
°C
V
0.2
Degree
Differential Gain3
+25
°C
V
0.7
%
Digital Inputs
Logic 1 Voltage
VI
-1.1
V
Logic 0 Voltage
VI
-1.5
V
Maximum Input Current Low
VI
-500
±200
+750
µA
Maximum Input Current High
VI
-500
±300
+750
µA
Pulse Width Low (CLK)
IV
30
ns
Pulse Width High (CLK)
IV
30
300
ns
Digital Outputs
Logic 1 Voltage
50
Ω to -2 V
VI
-1.1
-0.8
V
Logic 0 Voltage
50
Ω to -2 V
VI
-1.8
-1.5
V
Power Supply Requirements
Voltages
VCC
IV
+4.75
+5.25
V
-VEE
IV
-4.95
-5.45
V
Currents
ICC
VI
150
190
mA
-IEE
VI
125
160
mA
Power Dissipation
Outputs Open
VI
1.4
1.8
W
Power Supply Rejection Ratio
(5 V
±0.25 V, -5.2 V ±0.25 V)
V
1.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com