Electronic Components Datasheet Search
  English  ▼

X  

206-4 Datasheet(PDF) 8 Page - THAT Corporation All rights reserved.

Part # 206-4
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

206-4 Datasheet(HTML) 8 Page - THAT Corporation All rights reserved.

Back Button 206-4 Datasheet HTML 4Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 5Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 6Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 7Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 8Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 9Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 10Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 11Page - THAT Corporation All rights reserved. 206-4 Datasheet HTML 12Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 8 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
Appendix B. Bill of Materials
Item
Qty
P/N
Title
Detail
Reference(m)
Mfr
Mfr P/N
1
2
030000
RESISTOR
0R 100MW 5% THICK FILM
200 PPM 0603
R71, R72
Panasonic
ERJ-3GEY0R00V
2
9
031002
RESISTOR
10K0 100MW 1% THICK
FILM 100 PPM 0603
R62, R63, R64, R65, R66,
R67, R68, R78, R79
Vishay Dale
CRCW06031002FRT1
3
14
034999
RESISTOR
49R9 100MW 1% THICK
FILM 100 PPM 0603
R53, R54, R55, R56, R57,
R58, R59, R60, R61, R69,
R70, R73, R74, R75
Xicon
302-49.9-RC
4
4
070551
RESISTOR
10R00 1/4W 0%1 MF 50
PPM AXIAL
R13, R19, R37, R43
VPR
A010.00M3EB
5
4
070567
RESISTOR
6K81 1/4W 0%1 MF 25
PPM AXIAL
R4, R5, R30, R31
IRC
RC55LF-D-6K81-B-B
6
1
070568
RESISTOR
49R90 1/4W 0%1 MF 25
PPM1206
R1
Vishay Dale
TNPW120649R9BEEN
7
4
070570
RESISTOR
49R90 1/10W 0%1 THIN
FILM 25 PPM 0805
R11, R21, R35, R45
Stackpole Electronics
RNCS0805BKE49R9
8
4
080003
RESISTOR
100K 63MW 1% THIN FILM
100 PPM 0603
R27, R28, R51, R52
Venkel, Ltd.
TFCR0603-16W-C-
1003FT
9
8
084001
RESISTOR
100R0 100MW 1% THIN
FILM 25 PPM 0805
R3, R10, R22, R26, R29,
R34, R46, R50
VPR
A100.00E3EF
10
2
084003
RESISTOR
10K00 100MW 0%5 THIN
FILM 25 PPM 0805
R17, R41
Susumu Co
RR1220P-103-D
11
1
084007
RESISTOR
1M2 0.125W 1% TF 100
PPM 0805
R2
Vishay Dale
CRCW08051M21FKEA
12
8
084008
RESISTOR
2K00 100MW 0%1 THIN
FILM 25 PPM 0805
R6, R7, R12, R15, R32,
R33, R36, R39
Susumu
RR1220P-202-B-T5
13
4
084009
RESISTOR
9K09 125MW 0%1 THIN
FILM 25 PPM 0805
R24, R25, R48, R49
Susumu Co
RG2012P-9091-B-T5
14
4
084011
RESISTOR
4K99 100MW 0%5 THIN
FILM 25 PPM 0805
R16, R18, R40, R42
Susumu
RR1220P-4991-D-M
15
1
084012
RESISTOR
47K0 125MW 1% THIN
FILM 100 PPM 0805
R8
Yageo
RC0805FR-0747KL
16
1
084013
RESISTOR
470R 125MW 1% TF 100
PPM 0805
R9
Yageo
RC0805FR-07470RL
17
2
084014
RESISTOR
2K49 125MW 1% THIN
FILM 100 PPM 0805
R23, R47
Stackpole Electronics
RNCP0805FTD2K49
18
2
084015
RESISTOR
330R 125MW 1% TF 100
PPM 0805
R76, R77
Yageo
RC0805FR-07330RL
19
4
084061
RESISTOR
1K20 0.25W 0%1 THIN
FILM 25 PPM 1206
R14, R20, R38, R44
Vishay Dale
TNPW12061K20BEEN
20
10
131054
CAPACITOR
100N 10% 50V X7R CM
0603
C54, C55, C56, C57, C58,
C59, C60, C63, C64, C65
Murata Electronics
GRM188R71H104K
21
6
131062
CAPACITOR
100N 10% 50V X7R CM
0805
C5, C11, C19, C31, C37,
C45
Murata Electronics
GRM21BR71H104KA0
1L
22
4
131063
CAPACITOR
100P 10% 50V X7R CM
0805
C8, C20, C34, C46
Murata Electronics
GRM2165C1H101JA01
D
23
12
131065
CAPACITOR
220P 5% 50V NP0 CM LOW
ESR 0805
C3, C12, C13, C14, C15,
C24, C29, C38, C39, C40,
C41, C50
AVX
08055A221JAT2A
24
12
131066
CAPACITOR
22P 10% 50V NP0 CM LOW
ESR 0805
C7, C10, C17, C18, C26,
C27, C33, C36, C43, C44,
C52, C53
Panasonic
ECJ-2VC1H220J
25
2
131067
CAPACITOR
33P 5% 50V NP0 CM LOW
ECR 0805
C9, C35
Panasonic
ECJ-2VC1H330J
26
4
137010
CAPACITOR
10U 20% 50V ALUMINUM
SMT
C21, C25, C47, C51
Nichicon
UWX1H100MCL1GB
27
2
137011
CAPACITOR
10U 20% 25V ALUMINUM
SMT
C61, C62
United Chemi-Con, Inc. EMVA250ADA100MD5
5G
28
2
137012
CAPACITOR
22U 20% 25V ALUMINUM
LOW IMP SMT
C66, C67
Panasonic
EEV-FC1E220P
29
5
137013
CAPACITOR
47U 20% 63V AL LOW ESR
SMT
C1, C6, C16, C32, C42
Panasonic
EEE-TG1J470P
30
2
137025
CAPACITOR
1000U20% 6.3V
ALUMINUM SMT
C2, C4
Nichicon
UWT0J102MNL1GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com