Electronic Components Datasheet Search
  English  ▼

X  

3760-2 Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # 3760-2
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

3760-2 Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  3760-2 Datasheet HTML 1Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 2Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 3Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 4Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 5Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 6Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 7Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 8Page - THAT Corporation All rights reserved. 3760-2 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 2 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
The THAT5263 is a digital gain controller for low-
noise,
analog,
differential,
current-feedback
audio
preamplifiers.
When used in conjunction with an
appropriate analog gain block (e.g. THAT 1580 or 1583),
the 5263 can digitally control gain from 0dB to 51dB in
3dB steps, while preserving low noise and distortion. It
operates from ±5V to ±17V supplies, supporting input
signal levels as high as +27 dBu (at 0dB gain, ±17 V)
without an input pad.
The THAT5263-DEMO Board demonstrates
the
5263 mated with the 1580 and 1583 mic preamplifier
ICs in a typical circuit. An easy to use USB Graphical
User Interface provides total control over all 5263
features. Developers can take advantage of the generous
prototyping area to customize the circuit for their own
application.
Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com