Electronic Components Datasheet Search
  English  ▼

X  

PM8 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PM8
Description  Anti-Surge Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM8 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PM8 Datasheet HTML 1Page - Panasonic Semiconductor PM8 Datasheet HTML 2Page - Panasonic Semiconductor PM8 Datasheet HTML 3Page - Panasonic Semiconductor PM8 Datasheet HTML 4Page - Panasonic Semiconductor PM8 Datasheet HTML 5Page - Panasonic Semiconductor PM8 Datasheet HTML 6Page - Panasonic Semiconductor PM8 Datasheet HTML 7Page - Panasonic Semiconductor PM8 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Anti-Surge Thick Film Chip Resistors
● ESD surge characteristics superior to standard metal film resistors
● High reliability
: Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● High power 0.20 W : 0402 inch / 1005 mm size (ERJPA2), 0603 inch / 1608 mm size (ERJP03)
0.25 W : 0603 inch / 1608 mm size (ERJPA3)
0.50 W : 0805 inch / 2012 mm size (ERJP06), 1210 inch / 3225 mm size (ERJP14)
0.66 W : 1206 inch / 3216 mm size (ERJP08)
● High precision, High voltage, High resistance value (ERJPM8)
: Limiting element voltage 500 V, Resistance tolerance ±1 %, TCR ±100 (x 10-6 / K)
● Reference standard
: IEC 60115-8,JIS C 5201-8,JEITA RC-2134C
● AEC-Q200 compliant
● RoHS compliant
■ As for packaging methods, land pattern, soldering conditions and safety precautions,
please see data files.
Code
ERJ P, PA,PM type
ERJ PA2, P03, PA3, P06, P08, PM8, P14 series
1206
0.66 W
Packaging
Packaging methods
Resistance tolerance
Tolerance
±0.5 %
Explanation of part numbers
Features
Product code
0.50 W
0.25 W
Thick film
chip resistors
Size, Power rating
Power rating
0.20 W
0.20 W
ERJPA2
PM8
P08
Punched carrier taping
4 mm pitch, 5,000 pcs
ERJP03
ERJPA3
ERJP06
ERJP08
ERJPM8
U
0805
P14
1210
0.50 W
V
The first two or three digits are
significant figures of resistance and
the third or fourth one denotes
number of zeros following.
Three digit type (±5 %),
Four digit type (±1 %, ±0.5 %)
Example:
222 → 2.2 KΩ
1002 → 10 KΩ
0603
P06
PA3
Code
D
F
J
0402
0603
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
27-Jul-21
Resistance value
Code
X
Part No.
PA2
P03
inch size
Embossed carrier taping
4 mm pitch, 5,000 pcs
Punched carrier Ttaping
2 mm pitch, 10,000 pcs
±1 %
±5 %
ERJP14
1
2
3
4
5
6
7
8
9
10
11
12
E
R
J
P
0
6
D
1
0
0
2
V
UPGRADE


Similar Part No. - PM8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PM8 SEMTECH-PM8 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
M-System Co.,Ltd.
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
PM8 PANASONIC-PM8 Datasheet
1Mb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
60 - 80 WATTS DC/DC SINGLE - DUAL
More results

Similar Description - PM8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com