Electronic Components Datasheet Search
  English  ▼

X  

E331 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # E331
Description  Transient/Surge Absorbers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

E331 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  E331 Datasheet HTML 1Page - Panasonic Semiconductor E331 Datasheet HTML 2Page - Panasonic Semiconductor E331 Datasheet HTML 3Page - Panasonic Semiconductor E331 Datasheet HTML 4Page - Panasonic Semiconductor E331 Datasheet HTML 5Page - Panasonic Semiconductor E331 Datasheet HTML 6Page - Panasonic Semiconductor E331 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
F
D
T
F
f 1.0
L
● Operating Temperature Range : –40 to 125 °C
● Storage Temperature Range : –40 to 125 °C
Ratings and Characteristics
Series E14-S1
Dimensions in mm (not to scale)
✽Ip Measuring current of clamping voltage : 100 A
STD
Part No.
D max.
T max.
F±1.0
A max.
L±1.0
ERZE14A201S1
16.5
5.2
10.0
20.0
2.1
ERZE14A221S1
16.5
5.3
10.0
20.0
2.2
ERZE14A241S1
16.5
5.4
10.0
20.0
2.3
ERZE14A271S1
16.5
5.6
10.0
20.0
2.5
ERZE14A331S1
16.5
5.9
10.0
20.0
2.8
ERZE14A361S1
16.5
6.1
10.0
20.0
3.0
ERZE14A391S1
16.5
6.2
10.0
20.0
3.1
ERZE14A431S1
16.5
6.4
10.0
20.0
3.3
ERZE14A471S1
16.5
6.6
10.0
20.0
3.5
ERZE14A511S1
16.5
6.8
10.0
20.0
3.7
ERZE14A561S1
16.5
7.2
10.0
20.0
4.0
ERZE14A621S1
17.5
7.5
10.0
20.5
4.4
ERZE14A681S1
17.5
7.8
10.0
20.5
4.7
ERZE14A751S1
17.5
8.2
10.0
20.5
5.1
ERZE14A821S1
17.5
8.5
10.0
20.5
5.4
ERZE14A911S1
17.5
9.0
10.0
20.5
5.9
ERZE14A102S1
17.5
9.5
10.0
20.5
6.4
ERZE14A112S1
17.5
10.1
10.0
20.5
7.2
STD
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
✽Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 µs)
Capacitance
(max.)
(10/1000 µs)
(2 ms)
85 ˚C
1 time
125 ˚C
1 time
125 ˚C
2 time
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
(A)
at 1 kHz (pF)
ERZE14A201S1 200(185 to 225)
130
170
340
1.0
140
100
10000 7500 6500
1300
ERZE14A221S1 220(198 to 242)
140
180
360
1.0
155
110
10000 7500 6500
1200
ERZE14A241S1 240(216 to 264)
150
200
395
1.0
168
120
10000 7500 6500
1100
ERZE14A271S1 270(247 to 303)
175
225
455
1.0
190
135
10000 7500 6500
1000
ERZE14A331S1 330(297 to 363)
210
270
545
1.0
228
160
10000 7500 6500
900
ERZE14A361S1 360(324 to 396)
230
300
595
1.0
255
180
10000 7500 6500
900
ERZE14A391S1 390(351 to 429)
250
320
650
1.0
275
195
10000 7500 6500
800
ERZE14A431S1 430(387 to 473)
275
350
710
1.0
303
215
10000 7500 6500
800
ERZE14A471S1 470(423 to 517)
300
385
775
1.0
350
250
10000 7500 6500
750
ERZE14A511S1 510(459 to 561)
320
410
845
1.0
382
273
10000 7500 6500
700
ERZE14A561S1 560(504 to 616)
350
450
930
1.0
382
273
10000 7500 6500
700
ERZE14A621S1 620(558 to 682)
385
505
1025
1.0
382
273
7500 7500 6500
650
ERZE14A681S1 680(612 to 748)
420
560
1120
1.0
382
273
7500 7500 6500
600
ERZE14A751S1 750(675 to 825)
460
615
1240
1.0
420
300
7500 7500 6500
530
ERZE14A821S1 820(738 to 902)
510
670
1355
1.0
460
325
7500 7500 6500
500
ERZE14A911S1 910(819 to 1001)
550
745
1500
1.0
510
360
7500 7500 6500
400
ERZE14A102S1 1000(900 to 1100)
625
825
1650
1.0
565
400
7500 7500 6500
400
ERZE14A112S1 1100(990 to 1210)
680
895
1815
1.0
620
440
7500 7500 6500
350
Jan. 2019
00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com