Electronic Components Datasheet Search
  English  ▼

X  

M1060ML Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # M1060ML
Description  High heat resistance and high reliability using metal composite core (MC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

M1060ML Datasheet(HTML) 2 Page - Panasonic Semiconductor

  M1060ML Datasheet HTML 1Page - Panasonic Semiconductor M1060ML Datasheet HTML 2Page - Panasonic Semiconductor M1060ML Datasheet HTML 3Page - Panasonic Semiconductor M1060ML Datasheet HTML 4Page - Panasonic Semiconductor M1060ML Datasheet HTML 5Page - Panasonic Semiconductor M1060ML Datasheet HTML 6Page - Panasonic Semiconductor M1060ML Datasheet HTML 7Page - Panasonic Semiconductor M1060ML Datasheet HTML 8Page - Panasonic Semiconductor M1060ML Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Power Choke Coil (Automotive Grade)
1. PCC-M0530M / PCC-M0540M series (ETQP3M
□□□YFP / ETQP4M□□□YFP)
*1: Measured at 100 kHz
*2: The proved current value for making the overall temperature rise of 40K, when mounted on a multi-layer board with
high-heat dissipation (heat dissipation constant 5.5x5.0x3.0 mm : approx. 52 K/W, 5.5x5.0x4.0 mm
:approx. 48 K/W).
*3: The proved current value for making the overall temperature rise of 40K, when mounted on a 4-layer circuit board of
FR4 t=1.6 mm and DC current is applied.
*4: Saturation rated current : DC current which causes L(0) drop –30 %.
*5: Vibration resistance conditions : Amplitude: 5 mm or less, sweep speed: 1 oct / min, frequency 5-2000 Hz, 3 directions/2 hours each,
total 6 hours
*6: The solderability is guaranteed for 1 year only. The product out of expiration date shall not be used
.
◆ Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions. This
should be double checked in a worst case operation mode. In normal case, the max.standard operating temperature of +150°C
should not be exceeded. Please contact for possible to use over 150
℃ condition. Temperature up to 180 ℃ may possibly be used.
● Inductance vs DC Current
ETQP3M2R2YFP
ETQP3M3R3YFP
ETQP4M4R7YFP
ETQP4M220YFP
31.3 ( 34.4)
L0
(μH)
Inductance*1
Should a safety concern arise regarding this product, please be sure to contact us immediately.
22-Mar-24
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
±20
2.2
3.3
4.6
22.0
10.8
8.6
Part No.
163.0 (179.0)
Rated current (A) Typ.
Standard parts
Performance characteristics (Reference
①)
36.0 ( 39.6)
△T= 40 K*2
(
 )*3
5.8 (4.8)
5.0 (4.0)
4.8 (4.0)
22.6 ( 24.8)
±10
2.3 (1.9)
DCR (at 20
℃)
(mΩ)
MSL
Tolerance
(%)
Typ. (max.)
Tolerance
(%)
*6
7.7
3.1
△L=
–30 %*4
1
PCC-M0540M
[5.0×5.5×4.0]
PCC-M0530M
[5.0×5.5×3.0]
Series
[Size L×W×H]
(mm)
10
*5
Vibration
resistance
(G)
[ ETQP3M2R2YFP ]
[ ETQP3M3R3YFP ]
[ ETQP4M4R7YFP ]
[ ETQP4M220YFP ]
0
12
0
12
1
3
4
0
5
0.0
1.0
2.5
1.5
0.5
2.0
0
4
3
5
1
2
0
10
20
30
0
12
0
4
3
5
1
2
15
5
25
10
10
10
14
14
14
8
6
2
4
8
6
2
4
8
6
2
4
2
DC Bias (A)
DC Bias (A)
DC Bias (A)
DC Bias (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com