Electronic Components Datasheet Search
  English  ▼

X  

KDR331V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR331V
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR331V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR331V Datasheet HTML 1Page - KEC(Korea Electronics) KDR331V Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 7. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR331V
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage : VF=0.25(Typ.) @IF=5mA
Very Small Package : VSM.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. ANODE 1
2. ANODE 2
3. CATHODE
+_
+_
+_
+_
+_
+_
+_
+_
3
2
1
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
15
V
Reverse Voltage
VR
10
V
Maximum (Peak) Forward Current
IFM
100 *
mA
Average Forward Current
IO
50 *
mA
Surge Current (10ms)
IFSM
1 *
A
Power Dissipation
PD
100
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
Operating Temperature Range
Topr
-40 100
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.21
-
V
VF(2)
IF=5mA
-
0.25
0.30
VF(3)
IF=50mA
-
0.35
0.50
Reverse Current
IR
VR=10V
-
-
20
A
Total Capacitance
CT
VR=0V, f=1MHz
-
13
40
pF
* : Unit Rating. Total Rating=Unit Rating 1.5
Type Name
Marking
UW


Similar Part No. - KDR331V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR331V KEC-KDR331V Datasheet
40Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V_15 Datasheet
40Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR331V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF1560CT KEC-MBRF1560CT Datasheet
54Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com