Electronic Components Datasheet Search
  English  ▼

X  

101020027 Datasheet(PDF) 4 Page - Seeed Technology Co.,Ltd.

Part # 101020027
Description  Grove - Electricity Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101020027 Datasheet(HTML) 4 Page - Seeed Technology Co.,Ltd.

  101020027 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101020027 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
7/23/22, 8:49 PM
Grove - Electricity Sensor - Seeed Wiki
https://wiki.seeedstudio.com/Grove-Electricity_Sensor/
4/16
Items
Min
Norm
Max
Unit
Transformation
ratio
-
2000:1
-
-
Input Current
0
-
5
A
Output Current
0
-
2.5
mA
Sampling
Resistance
-
800
-
Ω
Sampling
Voltage
0
-
2
V
Working
Frequency
20
-
20K
HZ
Nonlinear
scale
-
-
0.2%
-
Phase Shift
-
-
5'
-
Operating
Temperature
-55
-
85
℃
Dielectric
strength
-
6
-
KVAC/1min
Hardware Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com