Electronic Components Datasheet Search
  English  ▼

X  

101020031 Datasheet(PDF) 4 Page - Seeed Technology Co.,Ltd.

Part # 101020031
Description  Grove - Piezo Vibration Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101020031 Datasheet(HTML) 4 Page - Seeed Technology Co.,Ltd.

  101020031 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101020031 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
7/23/22, 8:50 PM
Grove - Piezo Vibration Sensor - Seeed Wiki
https://wiki.seeedstudio.com/Grove-Piezo_Vibration_Sensor/
4/18
Applications
Vibration Sensing in Washing Machine
Low Power Wakeup Switch
Low Cost Vibration Sensing
Car Alarms
Body Movement
Security Systems
Getting Started
Play With Arduino
Hardware
The Grove - Piezo Vibration Sensor outputs a logic HIGH when
vibration was detected. We can use any of Arduino pins to read the
data. Here is an example of Piezo Vibration Sensor controlling LED.
When the vibration was detected, this sensor outputs a logic high
signal (the sensitivity can be changed by adjusting the
potentiometer), an LED lights up.
Step 1. Prepare the below stuffs:
The platforms mentioned above as supported is/are an indication of the
module's software or theoritical compatibility. We only provide software
library or code examples for Arduino platform in most cases. It is not
possible to provide software library / demo code for all possible MCU
platforms. Hence, users have to write their own software library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com