Electronic Components Datasheet Search
  English  ▼

X  

101020036 Datasheet(PDF) 4 Page - Seeed Technology Co.,Ltd.

Part # 101020036
Description  Grove - Slide Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101020036 Datasheet(HTML) 4 Page - Seeed Technology Co.,Ltd.

  101020036 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101020036 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
7/23/22, 8:51 PM
Grove - Slide Potentiometer - Seeed Wiki
https://wiki.seeedstudio.com/Grove-Slide_Potentiometer/
4/20
Item
Min
Typical
Max
Voltage (DC)
3.3V
5.0V
30V
Current
-
-
30mA
Dimension
24mm x60mm
Net Weight
8.6g
Rotational life
>15,000 cycles
Total resistance
10KΩ
Stroke length
30mm
Total resistance tolerance
+/- 20%
Platforms Supported
Arduino
Raspberry
Pi
Caution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com