Electronic Components Datasheet Search
  English  ▼

X  

73018010 Datasheet(PDF) 2 Page - Lapp.

Part # 73018010
Description  EPIC® M23 Inserts 17 pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

73018010 Datasheet(HTML) 2 Page - Lapp.

  73018010 Datasheet HTML 1Page - Lapp. 73018010 Datasheet HTML 2Page - Lapp. 73018010 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Information
Page 2 of 3
EPIC® M23 Inserts 17 pole
Valid: 20.10.2010
Technical Data
Rated voltage in V
50 V
Rated impulse Voltage
0,8 kV
Rated current in A
7 A
Contact resistance
< 4 mOhm
Contacts
Brass, gold plated
Number of contacts
17
Termination methods
Crimp termination: 0.14 - 1.0 mm²
Solder termination: up to 1.0 mm²
Cycle of mechanical operation
100
Range of temperature
-25 °C - +125 °C
Pollution degree
3
Article List
Part
number
Part
Inserts
Pin
design
Pieces
/ PU
Contacts
included
Inserts 17pole, P-Part = left hand rotation (anticlockwise)
73008000
P-Part
Unpopulated
17
5
73008010
P-Part
Unpopulated
17
20
73028000
P-Part
+ male contacts
solder
17
5
17
73028010
P-Part
+ male contacts
solder
17
20
17
73018000
P-Part
+ female contacts
solder
17
5
17
73018010
P-Part
+ female contacts
solder
17
20
17
Inserts 17pole, E-Part = right hand rotation (clockwise)
73008500
E-Part
Unpopulated
17
5
73008510
E-Part
Unpopulated
17
20
73028500
E-Part
+ male contacts
solder
17
5
17
73028510
E-Part
+ male contacts
solder
17
20
17
73018500
E-Part
+ female contacts
solder
17
5
17



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com