Electronic Components Datasheet Search
  English  ▼

X  

36250 Datasheet(PDF) 4 Page - Lapp.

Part # 36250
Description  EPIC® Circular Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

36250 Datasheet(HTML) 4 Page - Lapp.

  36250 Datasheet HTML 1Page - Lapp. 36250 Datasheet HTML 2Page - Lapp. 36250 Datasheet HTML 3Page - Lapp. 36250 Datasheet HTML 4Page - Lapp. 36250 Datasheet HTML 5Page - Lapp. 36250 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
410
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
CABLE COUPLER WITH MALE CONTACTS (STYLE F6 & F7)
5+PE
3+PE+4
Style F6
5+PE
3+PE+4
Style F7
Part #
74034001
74034000
74034101
74034100
Description
0.14 - 1.0 mm2
0.14 - 1.0 mm2
0.50 - 2.5 mm2
0.50 - 2.5 mm2
Pack Size
10
100
10
100
Male Contacts (Spare Parts)
EPIC® Circular Connectors
CIRCON LS1 Series
5+PE
3+PE+4
PANEL MOUNT SOCKET WITH FEMALE CONTACTS (STYLE A6)
Part
Number
76083000
Part
Number
76084000
Part
Number
76133000
Part
Number
76134000
Part
Number
76143000
Part
Number
76144000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com