Electronic Components Datasheet Search
  English  ▼

X  

0027725 Datasheet(PDF) 2 Page - Lapp.

Part # 0027725
Description  EPIC® Circular Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0027725 Datasheet(HTML) 2 Page - Lapp.

  0027725 Datasheet HTML 1Page - Lapp. 0027725 Datasheet HTML 2Page - Lapp. 0027725 Datasheet HTML 3Page - Lapp. 0027725 Datasheet HTML 4Page - Lapp. 0027725 Datasheet HTML 5Page - Lapp. 0027725 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
STRAIGHT PANEL MOUNT INLET WITH MALE CONTACTS (STYLE A1)
5+PE
3+PE+4
Part #
74033001
74033000
74033101
74033100
Description
0.14 - 1.0 mm2
0.14 - 1.0 mm2
0.50 - 2.5 mm2
0.50 - 2.5 mm2
Pack Size
10
100
10
100
Male Contacts (Spare Parts)
5+PE
3+PE+4
Male Insert
Female Insert
Male Insert
Female Insert
Wire
Gauge
2mm Contacts
AWG 14
AWG 18
AWG 20
AWG 22
1mm Contacts
AWG 18
up to AWG 26
Max. Current (A)
According to UL
5+PE
3+PE+4
22
22
13
13
9
9
55
-
7
-1
View from contact side
View from contact side
Derating Curve
EPIC® Circular Connectors
CIRCON LS1 Series
Part
Number
76003000
Part
Number
76004000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com