Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMMA0ES Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
52 / 105
• The VSWx_RUN[7:0] set the output voltage during Run mode.
• The VSWx_STBY[7:0] set the output voltage during Standby mode.
The default output voltage configuration for Run and Standby modes is loaded from the
OTP_VSWx[7:0] registers upon power up.
Table 39. SWx output voltage configuration
Set point
VSWx_RUN[7:0]
VSWx_STBY[7:0]
VSWxFB (V)
0
00000000
0.40000
1
00000001
0.40625
2
00000010
0.41250
3
00000011
0.41875
.
.
.
.
.
.
175
10101111
1.49375
176
10110000
1.50000
177
10110001
1.80000
178 to 255
10110010 to 11111111
Reserved
DVS operation is available for all voltage settings between 0.4 V to 1.5 V. However,
the SWx regulator is not intended to perform DVS transitions to or from the 1.8 V
configuration. In the event a voltage change is requested between any of the low voltage
settings and 1.8 V, the switching regulator is automatically disabled first and then re-
enabled at the selected voltage level to avoid an uncontrolled transition to the new
voltage setting.
Each regulator is provided with two bits to set its mode of operation.
• The SWx_RUN_MODE[1:0] bits allow the user to change the mode of operation of the
SWx regulators during the Run state. If the regulator was programmed as part of the
power up sequence, the SWx_RUN_MODE[1:0] bits are loaded with 0b11 (autoskip) by
default. Otherwise, it is loaded with 0b00 (disabled).
• The SWx_STBY_MODE[1:0] bits allow the user to change the mode of operation of
the SWx regulators during the Standby state. If the regulator was programmed as
part of the power up sequence, the SWx_STBY_MODE[1:0] bits are loaded with 0b11
(autoskip) by default. Otherwise, it is loaded with 0b00 (disabled).
Table 40. SWx regulator mode configuration
SWx_MODE[1:0]
Mode of operation
00
OFF
01
PWM mode
10
PFM mode
11
Auto skip mode
The SWx_MODE_I interrupt asserts the INTB pin when any of the Type 1 regulators
have changed the mode of operation, provided the corresponding interrupt is not
masked.
To avoid potential detection of an OV/UV fault during SWx ramp up, it is recommended to
power up the regulator in PWM or autoskip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com