Electronic Components Datasheet Search
  English  ▼

X  

CV3-2000 Datasheet(PDF) 3 Page - LEM

Part # CV3-2000
Description  Voltage Transducer CV 3-2000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-2000 Datasheet(HTML) 3 Page - LEM

  CV3-2000 Datasheet HTML 1Page - LEM CV3-2000 Datasheet HTML 2Page - LEM CV3-2000 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3/3
01August2023/Version 12
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
Dimensions CV 3-2000 (in mm)
Mechanical characteristics
● General tolerance
±0.3 mm
● Transducer fastening
3 holes
⌀ 5.5 mm
3 steel screws M5
Recommended fastening torque 3.8 N
⋅m
● Connection of primary
2 threaded studs M5
● Connection of secondary
4 threaded studs M5
Recommended fastening torque 2.2 N
⋅m
Connection
Remarks
● U
S is positive when UP is applied on terminal +HV.
● EMC tested with a shielded secondary cable, shield
connected to 0 V at both ends, or disconnected.
● Installation of the transducer must be done unless
otherwise specified on the datasheet, according to
LEM Transducer Generic Mounting Rules.Please
refer to LEM document N°ANE120504 available on
our Web site:
https://www.lem.com/en/file/3137/download
● This is a standard model. For different versions
(supply voltages, turns ratios, unidirectional
measurements...), please contact us.
00F
ODE
2xM5
Ul
'4"
II
'4"
'°
II
rn
II
'°
II
-+-
19
�
:fl
I
02.04.09 Adding RL in connection
nn
®
26.02.07 Suppression de RM / Cancel RM
4xM5
� T
I
1
I
I
nn [__o
I
I
I
�
@
113
=
85 =
�
I
CX)
Ul
II
0
rn
II
Ul
�
�
N
ci
'°
'4"
+@� $-+--.)
�
=
100 ±0.2 =
25
PSa
JDz
000 14.07.06 Right indication about primary terminals(Connection)/lndication correcte des bornes primaires (Racccrdementl. GVu
Rev.
Date
Modification
0MT
Name
Ul
Ul
'°
I
-HT
HTC+l
HTC-l
General linear tol:
±0.3
General angular tol: ±1°
<cs> Key characteristics
=45=
=
15 =
I .. --1
�
�
I
I
i
I
=40=
+HT
lnsulation distances/Distances d'isolation:
Clearance
Creepaqe
76.4 mm
83.8 mm
'Fastening torque/Couple de serroge'
,
2.8 Lb.-FT
3.8 Nm
Connection/Roccordement
+Ve
�-
- -------<{-Ve
All dimensions are
in millimeters.
<c> Capability dimensions
Folio:
1/1
<+> Functional dimensions
_J__
This document is the properly
of LEM SA. No copy no
tronsmission without autorisation.
A3
I
Writer
13.06.os i isr
OUTLINE DRAWING
encombrement a
A
Available for:
INFORMATION
Checker
PMo
Approval 02.04.091 EPe
Revision
CV 3
92.33.04.217.0
OOF
HV
HV
+U
C
U
out
0 V
R
L
I
S
−U
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com