Electronic Components Datasheet Search
  English  ▼

X  

LBT11546 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT11546
Description  114.5MHz SAW Filter 11MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT11546 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT11546 Datasheet HTML 1Page - SIPAT Co,Ltd LBT11546 Datasheet HTML 2Page - SIPAT Co,Ltd LBT11546 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT11546
Rev. Date
2006-7-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
114.5MHz SAW Filter
11MHz Bandwidth
Part Number: LBT11546
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.42
114.5
114.58
Insertion Loss
dB
-
23.4
26
1 dB Bandwidth
MHz
-
10.9
-
3 dB Bandwidth
MHz
11.3
11.37
-
40 dB Bandwidth
MHz
-
12.8
-
45 dB Bandwidth
MHz
-
12.86
13
50 dB Bandwidth
MHz
-
12.93
-
Passband Variation
dB
-
0.7
1
Absolute Delay
usec
-
3.45
3.5
Ultimate Rejection
dB
50
57
-
Material Temperature coefficient
KHz/°C
-2.061
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=27nH L2=56nH
C1=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω
L2
C1
L1


Similar Part No. - LBT11546

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT11546 SIPAT-LBT11546 Datasheet
144Kb / 3P
114.5MHz SAW Filter 11MHz Bandwidth
More results

Similar Description - LBT11546

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11403 SIPAT-LBN11403 Datasheet
136Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBT16049 SIPAT-LBT16049 Datasheet
144Kb / 3P
160MHz SAW Filter 11MHz Bandwidth
UE280 SIPAT-UE280 Datasheet
267Kb / 3P
280MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096_10 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LB070DS29 SIPAT-LB070DS29 Datasheet
153Kb / 3P
70MHz SAW Filter 11MHz Bandwidth
LBN11403 SIPAT-LBN11403 Datasheet
142Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBN11802 SIPAT-LBN11802 Datasheet
192Kb / 3P
117.6MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBT11546 SIPAT-LBT11546 Datasheet
144Kb / 3P
114.5MHz SAW Filter 11MHz Bandwidth
LBT15901 SIPAT-LBT15901 Datasheet
145Kb / 3P
159.5MHz SAW Filter 11MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com