Electronic Components Datasheet Search
  English  ▼

X  

TC115D-F Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # TC115D-F
Description  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor TC115D-F Datasheet HTML 10Page - Panasonic Semiconductor TC115D-F Datasheet HTML 11Page - Panasonic Semiconductor TC115D-F Datasheet HTML 12Page - Panasonic Semiconductor TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor TC115D-F Datasheet HTML 16Page - Panasonic Semiconductor TC115D-F Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
T15
MOUNTING DIMENSIONS
Remark: For panel installations of standard type, be use to use the back hex nut.
2. Rocker type
3. Push-button type
Remark: For panel installations of standard type, be use to use the back hex nut.
Type
Panel-sealed, Terminal-sealed
and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4 mm
Max. 4 mm
(without keying washer)
Type
Standard type
Panel-sealed, Terminal-sealed and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4.5 mm
1.2 to 3.2 mm
Type
Standard type
Panel-sealed type
Panel cutout
(mm)
Panel thickness
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 6.5 mm
Alternate: Max. 6.5 mm
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Momentary, 1-pole:
Max. 11 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Max. 4 mm
Max. 4 mm
(without keying washer)
1. Toggle type
Type
Standard type
Panel cutout
(mm)
Panel thickness
Max. 4.6 mm
Max. 5.6 mm
(without keying washer)
Max. 5.6 mm
(without keying washer)
12.5 dia.
3
dia.
+0.2
0
9.2±0.1
12.5 dia.
12.3 dia.
11.5
1.5
Front hex nut
Keying washer
Lock washer
Back hex nut
12.5 dia.
11.2
12.5 dia.
2-3.5±0.1 dia.
38±0.3
28+0.3
0
14.5+0.3
0
1 pole
2-pole
34.2±0.1
34.2±0.1
17.2±0.1
22.2±0.1
12.5 dia.
3 dia.
9
12.5 dia.
12.3 dia.
11.5
1.5
12.5 dia.
11.2
12.5 dia.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com