Electronic Components Datasheet Search
  English  ▼

X  

OL45MMWHPT Datasheet(PDF) 1 Page - TUK Ltd

Part # OL45MMWHPT
Description  FIBERMOD – Eurostyle and 6C Angled LC Multimode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

OL45MMWHPT Datasheet(HTML) 1 Page - TUK Ltd

  OL45MMWHPT Datasheet HTML 1Page - TUK Ltd OL45MMWHPT Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIBERMOD – Eurostyle and 6C Angled LC Multimode Modules
OL45mmbxax
OL45mmwhax
OL645mmbkpt
OL645mmwhpt
Our stylish angled fibre modules have been designed for use in standard faceplates which
connect to industry standard trunking, wall box or floor box installations. Providing optimum
fibre bend radius control, these multimode LC to LC duplex modules are suitable for use in
FTTD or FFT
P environments
Features
Compatible with most “Euro style” 25x50mm and “6C” 25x38mm faceplate outlets
Angled modules avoid issues with bend radius
Available in white (for faceplates & trunking) and in black (for floor boxes and decorative faceplates)
Multimode fibre female to female couplers LC/LC duplex
Specifications
Weight: OL645mmbk/whax 8g approx
Weight OL45mmbk/whax 9g approx
Dimensions: OL645 6C format - 25 x 38 x 34mm OL45 Euro style format – 25 x 50 x 33mm
Colour: White or Black
Materials:
Connector body – PEI
Alignment Sleeve
– Phosphor Bronze
Keystone mount
– ABS UL94V
Faceplate Adaptor
: Euro – polycarbonate
6C
– ABS UL94V


Similar Part No. - OL45MMWHPT

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
OL45BK TUK-OL45BK Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
More results

Similar Description - OL45MMWHPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
LC-to-LC, Multimode
logo
Tripp Lite. All Rights ...
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
Duplex Multimode Fiber Optic Coupler, (LC-LC)
logo
Molex Electronics Ltd.
1060590230 MOLEX1-1060590230 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060520040 MOLEX1-1060520040 Datasheet
34Kb / 1P
LC Loopback, Multimode, 62.5/125m fiber
logo
Tripp Lite. All Rights ...
N455-000 TRIPPLITE-N455-000 Datasheet
155Kb / 2P
Duplex Multimode Fiber Coupler (LC/LC)
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
Duplex Multimode Fiber Optic Coupler, (LC/LC)
logo
Molex Electronics Ltd.
1060590230 MOLEX-1060590230_V01 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
logo
HARTING Technology Grou...
20-10-125-8212 HARTING-20-10-125-8212 Datasheet
448Kb / 2P
LC connector multimode 2mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com