Electronic Components Datasheet Search
  English  ▼

X  

1212047. Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212047.
Description  Replacement spring - CRIMPFOX/SPR-2 - 1212047
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212047. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212047. Datasheet HTML 1Page - PHOENIX CONTACT 1212047. Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/gb/products/1212047
01/03/2020   Page 1 / 2
Replacement spring - CRIMPFOX/SPR-2 - 1212047
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Spare recuperating spring
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356455756
Weight per Piece (excluding packing)
2.450 g
Custom tariff number
82079091
Country of origin
Germany
Technical data
Dimensions
Length (b)
24 mm
Width (a)
1 mm
General
Compression
universal
Classifications
eCl@ss
eCl@ss 10.0.1
21019290
eCl@ss 4.0
21040300
eCl@ss 4.1
21040300
eCl@ss 5.0
21040300
eCl@ss 5.1
21040300
eCl@ss 6.0
21043800
eCl@ss 7.0
21043811
eCl@ss 8.0
21043811
eCl@ss 9.0
21019290


Similar Part No. - 1212047.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212047 PHOENIX-1212047 Datasheet
42Kb / 2P
Replacement spring - CRIMPFOX/SPR-2
More results

Similar Description - 1212047.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200288 PHOENIX-1200288 Datasheet
50Kb / 2P
Replacement spring - CRIMPFOX/ SPR-4
1212035 PHOENIX-1212035 Datasheet
50Kb / 2P
Replacement die - CRIMPFOX 6/DIE
1212036 PHOENIX-1212036 Datasheet
47Kb / 2P
Replacement spring - CRIMPFOX/ SPR-3
1212042 PHOENIX-1212042 Datasheet
49Kb / 2P
Replacement die - CRIMPFOX 50R/DIE
1212047 PHOENIX-1212047 Datasheet
42Kb / 2P
Replacement spring - CRIMPFOX/SPR-2
1212069 PHOENIX-1212069 Datasheet
47Kb / 2P
Replacement spring - CRIMPFOX/ SPR-1
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
Replacement die - CRIMPFOX-M FO/DIE
1212088 PHOENIX-1212088 Datasheet
50Kb / 3P
Replacement die - CRIMPFOX-M CX-2/DIE
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-RC 25/DIE
1212472 PHOENIX-1212472 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-M SR 6-2/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com