Electronic Components Datasheet Search
  English  ▼

X  

1212128. Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212128.
Description  Cable-cutting tool - CUTFOX 12 - 1212128
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212128. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212128. Datasheet HTML 1Page - PHOENIX CONTACT 1212128. Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/gb/products/1212128
12/21/2016   Page 1 / 2
Cable-cutting tool - CUTFOX 12 - 1212128
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm²)
Why buy this product
 Ergonomic handle design to eliminate fatigue when working
 CUTFOX ... cable cutters for professional cutting results
 All parts of the cable cutters that are subject to particular strain are tempered or specially hardened
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356456081
Weight per Piece (excluding packing)
199.000 g
Custom tariff number
82032000
Country of origin
Japan
Technical data
Dimensions
Length (b)
165 mm
Width (a)
53 mm
Classifications
eCl@ss
eCl@ss 4.0
21040302
eCl@ss 4.1
21040302
eCl@ss 5.0
21040302
eCl@ss 5.1
21040302


Similar Part No. - 1212128.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212128 PHOENIX-1212128 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 12
More results

Similar Description - 1212128.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204753 PHOENIX-1204753 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX EB
1206829 PHOENIX-1206829 Datasheet
57Kb / 4P
Cable-cutting tool - CUTFOX 10
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212128 PHOENIX-1212128 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 12
1212129 PHOENIX-1212129 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 18
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212816 PHOENIX-1212816 Datasheet
43Kb / 2P
Cable-cutting tool - CUTFOX 18_DB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com