Electronic Components Datasheet Search
  English  ▼

X  

WT-314-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # WT-314-D
Description  IEC Type T PTFE Single Shot Thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WT-314-D Datasheet(HTML) 2 Page - Labfacility Ltd

  WT-314-D Datasheet HTML 1Page - Labfacility Ltd WT-314-D Datasheet HTML 2Page - Labfacility Ltd WT-314-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 43
Nov-23
Specifications
General Description
Unique single shot cable construction Resistant to
chemicals, oils and fluids. Suitable for aerospace
applications and is wildly used in autoclaves.
Cable Length
10, 25, 50, 100M
Cable Type
PTFE
Core / Strands
1/0.376mm
Colour
Brown
Max. Temperature
+250°C
Min. Temperature
-75°C
Standards Met
IEC-584-3
Thermocouple Type
T
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
T
IEC
PTFE SINGLE SHOT
1/0.376mm
10m (32.8ft)
WT-314-D
3582382
T
IEC
PTFE SINGLE SHOT
1/0.376mm
25m (82ft)
WT-314-D
3582381
T
IEC
PTFE SINGLE SHOT
1/0.376mm
50m (164.1ft)
WT-314-D
3582383
T
IEC
PTFE SINGLE SHOT
1/0.376mm
100m (328.1ft)
WT-314-D
3582384



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com