Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES106 Datasheet(PDF) 52 Page - Analog Devices

Part # MAXREFDES106
Description  MAXREFDES106# Health Sensor Platform 4.0
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAXREFDES106 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAXREFDES106 Datasheet HTML 48Page - Analog Devices MAXREFDES106 Datasheet HTML 49Page - Analog Devices MAXREFDES106 Datasheet HTML 50Page - Analog Devices MAXREFDES106 Datasheet HTML 51Page - Analog Devices MAXREFDES106 Datasheet HTML 52Page - Analog Devices MAXREFDES106 Datasheet HTML 53Page - Analog Devices MAXREFDES106 Datasheet HTML 54Page - Analog Devices MAXREFDES106 Datasheet HTML 55Page - Analog Devices MAXREFDES106 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
©2024 Analog Devices, Inc. All rights reserved.
52
MAXREFDES106# Health Sensor Platform 4.0
Software ECG
Filter
Adaptive Filter
This switch toggles the adaptive nature of the ‘Software ECG
Filter’ chain. Adaptive noise filtering can filter out remaining
noise in the filter pass bands by learning the noise profile.
Thus, variations in the signal pertaining to noise are removed
and ECG features are displayed much more clearly.
Filtered data shown in the GUI is saved to a separate .csv file
ending in ‘.ecg_filtered.csv’.
Baseline Removal
This switch toggles the baseline removal feature of the
‘Software ECG Filter’ chain. This is a Analog Devices
advanced post-processing filter that tracks the baseline signal
and eliminates baseline drift and motion artifacts. It can
recover very fast from sudden signal level changes due to
motion or other possible causes.
LPF Cutoff
Sets the cutoff frequency of the LPF in the ‘Software ECG
Filter’ chain. This is typically used to remove high-frequency
interference noise and is a double-pole IIR Filter. Currently,
only 128Hz, 256Hz, 512Hz, and 1024Hz ECG sample rates
are supported up to the Nyquist frequency (example: 150Hz is
not supported when ECG is set to 256Hz but is selectable
when configuring ECG to 512Hz).
Notch Cutoff
Sets the cutoff frequency of the ‘Notch Filter’ in the ‘Software
ECG Filter’ chain. This is typically set to 50Hz and/or 60Hz to
filter noise introduced by the AC powerline interference.
Sample Rate
Selection
Sample Rate
The ECG ADC sample rate is generated by dividing PLL
frequency by the
F Divider, N Divider, and ADC OSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com