Electronic Components Datasheet Search
  English  ▼

X  

LBT20006 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT20006
Description  200MHz SAW Filter 19MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT20006 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT20006 Datasheet HTML 1Page - SIPAT Co,Ltd LBT20006 Datasheet HTML 2Page - SIPAT Co,Ltd LBT20006 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT20006
Rev. Date
2008-02-03
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
200MHz SAW Filter
19MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT20006
Typical Performance
Frequency Respond
Passband Respond
175
180
185
190
195
200
205
210
215
220
225
-114.6071
-104.6071
-94.6071
-84.6071
-74.6071
-64.6071
-54.6071
-44.6071
-34.6071
-24.6071
-14.6071
Type Performance
Frequency(MHz)
185
190
195
200
205
210
215
-27.1071
-26.6071
-26.1071
-25.6071
-25.1071
-24.6071
-24.1071
-23.6071
-23.1071
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±9MHz)
Phase Linearity(f0±9MHz)
185
190
195
200
205
210
215
2900
2950
3000
3050
3100
3150
3200
X: 200
Y: 3075
Type Performance
Frequency(MHz)
X: 209
Y: 3047
X: 191
Y: 3076
185
190
195
200
205
210
215
-20
-15
-10
-5
0
5
10
15
X: 209
Y: 0.03044
Type Performance
Frequency(MHz)
X: 191
Y: 0.09537
X: 200
Y: 1.063
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com