Electronic Components Datasheet Search
  English  ▼

X  

OC4USB Datasheet(PDF) 3 Page - Fluke Corporation

Part # OC4USB
Description  Power Quality Analyzers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

OC4USB Datasheet(HTML) 3 Page - Fluke Corporation

  OC4USB Datasheet HTML 1Page - Fluke Corporation OC4USB Datasheet HTML 2Page - Fluke Corporation OC4USB Datasheet HTML 3Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
430 Series Three-phase
Power Quality Analyzers
Included Accessories
Hard carrying case C430 (434)/ Water-tight
hard case with rollers C435 (435)
4 current clamps, i400s, CAT IV 600 V
4 current clamps, i430-Flex-4pk, CAT IV
600 V (435)
5 Test leads, 4black, 1 green
Battery Charger Eliminator, BC430
FlukeView Software, SW43W
Power Log Software (435)
Optical Cable for USB , OC4USB
Color localization set, WC100
Getting Started printed
User Manual (CD-ROM)
Ordering information
Fluke 435
Power Quality Analyzer
(three-phase) with
Logger Function
Fluke 434
Power Quality Analyzer
(three-phase)
Fluke 434Kit
Logger Upgrade Kit: Adds
the Logger Function of the
435 to the 434
OC4USB
Serial Interface
Adapter/Cable (USB)
I5SPQ3
Set of 3, 5A AC
current clamp
I430-flex-4pk
set of 4, 3000 A
flexclamps
PM9080
Serial Interface
Adapter/Cable (RS232)
SW43W
FlukeView Software
GPS430
GPS sync module
for 430 Series
Measure and record power (W), VA and VARs.
The 434 adds the ability to record energy
consumption.
Track harmonics up to the 50th, and measure
and record THD in accordance with IEC61000-
4-7 requirements
Logging function allows you to customize
measurement selections and provides
instantaneous analysis of user-selectable
parameters.
Fluke 435 with flex clamps
Inputs
Number of inputs
4 voltage and current (3 phases + neutral)
Maximum input voltage
1000 Vrms (6kV Peak)
Maximum sampling speed
200 kS/s on each channel simultaneously
Measurement range
Accuracy
Volt/Amps/Hertz
Vrms (AC+DC)
1…1000 V
± 0.1% of nominal voltage
Vpk
1…1400 V
5% of Vnom
Crest factor, voltage
1.0 ... > 2.8
± 5%
Arms (AC+DC)
0…20,000 A
± 0.5% ± 5 counts
Apeak
0 - 5500 A
5%
Crest factor, A
1 … 10
± 5%
Hz
50Hz nominal
42.50 ... 57.50 Hz
± 0.01Hz
Dips and swells
Vrms (AC+DC)
2
0.0% ….100% of Vnom
± 0.2% of nominal voltage
Arms (AC+DC)
2
0 … 20,000 A
1
±1% ± 5 counts
Harmonics
Harmonic (interharmonic) (n)
DC, 1..50; (Off, 1..49) measured according to IEC 61000-4-7
Vrms
0.0 … 1000 V
± 0.05% of nominal voltage
Arms
0.0 … 4000 mV x clamp scaling
± 5% ± 5 counts
Watts
depends clamp scaling and voltage
± 5% ± n x 2% or reading,
±10 counts
DC voltage
0.0 … 1000 V
± 0.2% of nominal voltage
THD0.0 … 100.0 %
± 2.5% V and A (± 5% Watt)
Hz
0 … 3500 Hz
± 1 Hz
Phase angle
-360º ... +360º
± n x 1.5º
Power and Energy
Watt, VA, VAR
1.0 … 20.00 MVA
1
±1% ± counts
kWh, kVAh, kVARh
00.00 …200.0 GVAh
1
±1.5% ± 10 counts
Power Factor/ Cos
ϕ / DPF
0…1
± 0.03
Flicker
Pst (1min), Pst, Plt, PF5
0.00 … 20.00
±5%
Unbalance
Volts
0.0 … 5.0%
± 0.5%
Current
0.0 … 20%
± 1%
Transient capture
Volts
± 6000 V
± 2.5% of Vrms
Minimum detect duration
5 µs (200 kS/s sampling)
Inrush mode
Arms (AC+DC)
0.000 … 20.00 kA
1
±1% of meas ± 5 counts
Inrush duration (selectable)
7.5 s … 30 min
± 20 ms (Fnom = 50 Hz)
AutoTrend recording
Sampling
5 readings/sec continous sampling per channel
Memory
1800 min, max and avg points for each reading
Recording time
Up to 450 days
Zoom
Up to 12x horizontal zoom
Memory
Screens & data
50, shared memory divided between logging,
screens and data sets
Standards
Measurement methods used
IEC61000-4-30 class A; EN50160; IEC 61000-4-15; IEC 61000-4-7
Battery life: > 7 hours with rechargeable NiMH (installed); Battery charging time: 4 hours typical
Safety: EN61010-1 (2nd edition) pollution degree 2; 1000 V CAT III / 600 V CAT IV
Case: Rugged, shock proof with integrated protective holster, IP51 (drip and dust proof)
Shock: 30 g; Vibration: 3g according to MIL-PRF-28800F Class 2
Operating temperature: 0°C to +50°C
Size (HxWxD): 256 mm x 169 mm x 64 mm; Weight: 1.1 kg
Three Years Warranty
The advanced functions Interharmonics, Energy, Transients and Inrush are optional for the Fluke 433 and standard
available on the Fluke 434.
1 depending clamp scaling
2 Value is measured over 1 cycle, commencing at a fundamental zero crossing, and refreshed each half-cycl
e
Specifications
(Check the Fluke web for detailed specifications)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com